전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H723VG 데이터시트(PDF) 100 Page - STMicroelectronics

부품명 STM32H723VG
상세설명  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG 데이터시트(HTML) 100 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 96Page - STMicroelectronics STM32H723VG Datasheet HTML 97Page - STMicroelectronics STM32H723VG Datasheet HTML 98Page - STMicroelectronics STM32H723VG Datasheet HTML 99Page - STMicroelectronics STM32H723VG Datasheet HTML 100Page - STMicroelectronics STM32H723VG Datasheet HTML 101Page - STMicroelectronics STM32H723VG Datasheet HTML 102Page - STMicroelectronics STM32H723VG Datasheet HTML 103Page - STMicroelectronics STM32H723VG Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 227 page
background image
Electrical characteristics
STM32H723xE/G
100/227
DS13313 Rev 2
Table 22. Typical and maximum current consumption in Run mode,
code with data processing running from Flash memory, cache OFF(1)
1. Data are in DTCM for best computation performance, the cache has no influence on consumption in this
case.
Symbol
Parameter
Conditions
frcc_c_ck
(MHz)
Typ
Unit
IDD
Supply current
in Run mode
All peripherals
disabled
VOS0(2)
2. CPU_FREQ_BOOST is enabled.
550
99
mA
520
95
VOS0
520
95
400
76.5
VOS1
400
66.5
300
51.5
VOS2
300
47.5
280
43.5
VOS3
170
24.5
All peripherals
enabled
VOS0(2)
550
170
520
165
VOS0
520
165
400
130
VOS1
400
115
300
87
VOS2
300
79
280
73.5
VOS3
170
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More