| 전자부품 데이터시트 검색엔진 |
|
MPF7100BVBA2ES 데이터시트(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF7100BVBA2ES 데이터시트(HTML) 30 Page - NXP Semiconductors |
|
30 / 125 page ![]() NXP Semiconductors PF7100 7-channel power management integrated circuit for high performance applications PF7100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 4 — 9 March 2021 30 / 125 Table 21. Power down counter delay OTP bits OTP_GRPx_DLY[1:0] Functional bits GRPx_DLY[1:0] Power down delay (µs) 00 00 120 01 01 250 10 10 500 11 11 1000 If RESETBMCU is required to be asserted first before any of the external regulators from the corresponding group, the RESETBMCU_DLY provides a selectable delay to disable the regulators after RESETBMCU is asserted. Table 22. Programmable delay after RESETBMCU is asserted OTP bits OTP_RESETBMCU_DLY[1:0] Functional bits RESETBMCU_DLY[1:0] RESETBMCU delay (µs) 00 00 No delay 01 01 10 10 10 100 11 11 500 If RESETBMCU_DLY is set to 0x00, all regulators in the same power down group as RESETBMCU is disabled at the same time RESETBMCU is asserted. Figure 11 shows an example of the power down sequence when PWRDWN_MODE = 1. |