전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPF7100BVBA2ES 데이터시트(PDF) 37 Page - NXP Semiconductors

부품명 MPF7100BVBA2ES
상세설명  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA2ES 데이터시트(HTML) 37 Page - NXP Semiconductors

Back Button MPF7100BVBA2ES Datasheet HTML 33Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 34Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 35Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 36Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 37Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 38Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 39Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 40Page - NXP Semiconductors MPF7100BVBA2ES Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
37 / 125
aaa-028059
RESETBMCU
REG4_PG
REG3_PG
REG2_PG
SYSTEM ON
REG4
REG3
REG2
REG1_PG
REG1
PGOOD
(optional)
Figure 15. Correct power up (no fault during power up)
If any of the regulators are powered up before RESETBMCU is out of regulator,
RESETBMCU is not de-asserted and the power up sequence is stopped for up to 2.0
ms. If the fault is cleared and all internal PG signals are asserted within the 2.0 ms timer,
RESETBMCU is de-asserted and the power up sequence continues where it stopped as
shown in Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More