| 전자부품 데이터시트 검색엔진 |
|
MPF7100BVBA2ES 데이터시트(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF7100BVBA2ES 데이터시트(HTML) 12 Page - NXP Semiconductors |
|
12 / 125 page ![]() NXP Semiconductors PF7100 7-channel power management integrated circuit for high performance applications PF7100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 4 — 9 March 2021 12 / 125 Table 11. State machine transition definition Symbol Description Conditions 1. STANDBY = 0 && STANDBYINV bit = 0 Transition A Standby to run 2. STANDBY = 1 && STANDBYINV bit = 1 1. STANDBY = 1 && STANDBYINV bit = 0 Transition B Run to standby 2. STANDBY = 0 && STANDBYINV bit = 1 Transition C System on to WD reset 1. Hard WD Reset event Transition D WD reset to system on 1. 30 µs delay passed && WD_EVENT_CNT < WD_MAX_CNT Transition E WD reset to power down (fault) 1. WD_EVENT_CNT = WD_MAX_CNT Transitory off state: device pass through LP_Off to Self-Test to QPU_Off (no power up event present) 1. LPM_OFF = 1 && TBBEN = Low Power up event from LP_Off state 2. LPM_OFF = 0 && TBBEN = Low && (PWRON = 1 && OTP_PWRON_MODE = 0) && UVDET< VIN < VIN_OVLO (or VIN_OVLO disabled) && Tj < TSD && TRIM_NOK = 0 && OTP_NOK = 0 Power up event from LP_Off state 3. LPM_OFF = 0 && TBBEN = Low && (PWRON H to L && OTP_PWRON_MODE = 1) && UVDET < VIN < VIN_OVLO (or VIN_OVLO disabled) && TJ < TSD && TRIM_NOK = 0 && OTP_NOK = 0 Transition J LP_Off to self-test (ASIL B only) Conditions: Transitory Off state to go into TBB Mode. Device pass through LP_Off to Self-Test to QPU_Off (no power up event present) 4. TBBEN = high (V1P5D) 1. Pass Self-Tests Transition K Self-test to QPU_Off (ASIL B only) 2. TBBEN = high (V1P5D) |