| 전자부품 데이터시트 검색엔진 |
|
Z8F082ASH020SC 데이터시트(PDF) 158 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC 데이터시트(HTML) 158 Page - Zilog, Inc. |
|
158 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Flash Option Bits Z8 Encore! XP® F08xA Series Product Specification 140 Flash Option Bit Control Register Definitions Trim Bit Address Register This register contains the target address for an access to the trim option bits. Trim Bit Data Register This register contains the read or write data for access to the trim option bits. Flash Option Bit Address Space The first two bytes of Flash Program Memory at addresses 0000H and 0001H are reserved for the user-programmable Flash Option Bits. Table 85. Trim Bit Address Register (TRMADR) BITS 7 6 5 4 3 2 1 0 FIELD TRMADR - Trim Bit Address (00H to 1FH) RESET 0 000 00 00 R/W R/WR/W R/WR/W R/WR/W R/WR/W ADDR FF6H Table 86. Trim Bit Data Register (TRMDR) BITS 7 6 5 4 3 2 1 0 FIELD TRMDR - Trim Bit Data RESET 0 000 00 00 R/W R/WR/W R/WR/W R/WR/W R/WR/W ADDR FF7H |