| 전자부품 데이터시트 검색엔진 |
|
Z8F082ASH020SC 데이터시트(PDF) 236 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC 데이터시트(HTML) 236 Page - Zilog, Inc. |
|
236 / 244 page ![]() Z8 Encore! XP® F08xA Series Product Specification PS024705-0405 P R E L I M I N A R Y Index 218 Index Symbols # 173 % 173 @ 173 Numerics 10-bit ADC 4 40-lead plastic dual-inline package 210, 211 A absolute maximum ratings 191 AC characteristics 194 ADC 174 architecture 108 automatic power-down 109 block diagram 109 continuous conversion 111 control register 117, 119 control register definitions 117 data high byte register 120 data low bits register 120 electrical characteristics and timing 197 operation 109 single-shot conversion 110 ADCCTL register 117, 119 ADCDH register 120 ADCDL register 120 ADCX 174 ADD 174 add - extended addressing 174 add with carry 174 add with carry - extended addressing 174 additional symbols 173 address space 12 ADDX 174 analog signals 9 analog-to-digital converter (ADC) 108 AND 176 ANDX 176 arithmetic instructions 174 assembly language programming 170 assembly language syntax 171 B B 173 b 172 baud rate generator, UART 94 BCLR 175 binary number suffix 173 BIT 175 bit 172 clear 175 manipulation instructions 175 set 175 set or clear 175 swap 175 test and jump 177 test and jump if non-zero 177 test and jump if zero 177 bit jump and test if non-zero 177 bit swap 177 block diagram 2 block transfer instructions 175 BRK 177 BSET 175 BSWAP 175, 177 BTJ 177 BTJNZ 177 BTJZ 177 C CALL procedure 177 capture mode 76, 77 capture/compare mode 76 cc 172 CCF 175 characteristics, electrical 191 clear 176 CLR 176 COM 176 |