전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSC8658 데이터시트(PDF) 8 Page - Microsemi Corporation

부품명 VSC8658
상세설명  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 데이터시트(HTML) 8 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 4Page - Microsemi Corporation VSC8658 Datasheet HTML 5Page - Microsemi Corporation VSC8658 Datasheet HTML 6Page - Microsemi Corporation VSC8658 Datasheet HTML 7Page - Microsemi Corporation VSC8658 Datasheet HTML 8Page - Microsemi Corporation VSC8658 Datasheet HTML 9Page - Microsemi Corporation VSC8658 Datasheet HTML 10Page - Microsemi Corporation VSC8658 Datasheet HTML 11Page - Microsemi Corporation VSC8658 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 95 page
background image
VMDS-10242 VSC8658 Datasheet Revision 4.1
viii
Table 55
GPIO Output, Address 16G (0x10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 56
GPIO Input/Output Configuration, Address 17G (0x11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 57
100BASE-FX Control, Address 18G (0x12) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 58
CMODE Configuration Pins and Device Functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 59
Device Functions and Associated CMODE Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 60
CMODE Resistor Values and Resultant Bit Settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Table 61
EEPROM Configuration Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Table 62
DC Characteristics for Pins Referenced to VDDIO at 3.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 63
DC Characteristics for Pins Referenced to VDDIO at 2.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 64
DC Characteristics for Pins Referenced to VDDIO at 1.8 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Table 65
DC Characteristics for Pins Referenced to VDD33 at 3.30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Table 66
DC Characteristics for MAC_RDP/N_n and SER_DOP/N_n Pins . . . . . . . . . . . . . . . . . . . . . . . . . 63
Table 67
DC Characteristics for MAC_TDP/N_n and SER_DIP/N_n Pins . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Table 68
DC Characteristics for LED[3:0]_n Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Table 69
DC Characteristics for JTAG Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Table 70
Typical Current Consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 71
Current Consumption in SerDes/SGMII to 1000BASE-X Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 72
Consumption in SerDes/SGMII to 100BASE-FX or SerDes Pass-Through Mode . . . . . . . . . . . . . 65
Table 73
AC Characteristics for REFCLK Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 74
AC Characteristics for REFCLK Input with 25 MHz Clock Input . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 75
AC Characteristics for the CLKOUT Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Table 76
AC Characteristics for the JTAG Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Table 77
AC Characteristics for the SMI Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Table 78
AC Characteristics for Device Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Table 79
AC Characteristics for Serial LEDs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Table 80
Recommended Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Table 81
Stress Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Table 82
SerDes MAC Interface Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
Table 83
SerDes Media Interface Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
Table 84
GPIO and SIGDET Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Table 85
Twisted Pair Interface Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Table 86
SMI Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Table 87
JTAG Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Table 88
Power Supply Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Table 89
Power Supply and Associated Function Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Table 90
Miscellaneous Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Table 91
Thermal Resistances . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Table 92
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95