전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSC8658 데이터시트(PDF) 92 Page - Microsemi Corporation

부품명 VSC8658
상세설명  Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8658 데이터시트(HTML) 92 Page - Microsemi Corporation

Back Button VSC8658 Datasheet HTML 87Page - Microsemi Corporation VSC8658 Datasheet HTML 88Page - Microsemi Corporation VSC8658 Datasheet HTML 89Page - Microsemi Corporation VSC8658 Datasheet HTML 90Page - Microsemi Corporation VSC8658 Datasheet HTML 91Page - Microsemi Corporation VSC8658 Datasheet HTML 92Page - Microsemi Corporation VSC8658 Datasheet HTML 93Page - Microsemi Corporation VSC8658 Datasheet HTML 94Page - Microsemi Corporation VSC8658 Datasheet HTML 95Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 92 / 95 page
background image
Package Information
VMDS-10242 VSC8658 Datasheet Revision 4.1
84
To achieve results similar to the modeled thermal resistance measurements, the guidelines for board
design described in the JEDEC standard EIA/JESD51 series must be applied. For information about
specific applications, see the following:
EIA/JESD51-5, Extension of Thermal Test Board Standards for Packages with Direct Thermal
Attachment Mechanisms
EIA/JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
EIA/JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
EIA/JESD51-10, Test Boards for Through-Hole Perimeter Leaded Package Thermal Measurements
EIA/JESD51-11, Test Boards for Through-Hole Area Array Leaded Package Thermal Measurements
8.3
Moisture Sensitivity
Moisture sensitivity level ratings for Microsemi products comply with the joint IPC and JEDEC standard
IPC/JEDEC J-STD-020.
VSC8658HJ is rated moisture sensitivity level 3 or better.
VSC8658XHJ is rated moisture sensitivity level 4.
For more information, see the IPC and JEDEC standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95