| 전자부품 데이터시트 검색엔진 |
|
VSC8658 데이터시트(PDF) 84 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8658 데이터시트(HTML) 84 Page - Microsemi Corporation |
|
84 / 95 page ![]() Pin Descriptions VMDS-10242 VSC8658 Datasheet Revision 4.1 76 7.2.4 Twisted Pair Interface The following table lists the device pins associated with the device two-wire, twisted pair interface. Table 85 • Twisted Pair Interface Pins Pin Name Type Description G1 C1 A6 A10 A14 A18 A22 D26 TXVPA_7 TXVPA_6 TXVPA_5 TXVPA_4 TXVPA_3 TXVPA_2 TXVPA_1 TXVPA_0 ADIFF TX/RX channel A positive signal G2 C2 B6 B10 B14 B18 B22 D25 TXVNA_7 TXVNA_6 TXVNA_5 TXVNA_4 TXVNA_3 TXVNA_2 TXVNA_1 TXVNA_0 ADIFF TX/RX channel A negative signal F1 A3 A7 A11 A15 A19 A23 E26 TXVPB_7 TXVPB_6 TXVPB_5 TXVPB_4 TXVPB_3 TXVPB_2 TXVPB_1 TXVPB_0 ADIFF TX/RX channel B positive signal F2 B3 B7 B11 B15 B19 B23 E25 TXVNB_7 TXVNB_6 TXVNB_5 TXVNB_4 TXVNB_3 TXVNB_2 TXVNB_1 TXVNB_0 ADIFF TX/RX channel B negative signal E1 A4 A8 A12 A16 A20 A24 F26 TXVPC_7 TXVPC_6 TXVPC_5 TXVPC_4 TXVPC_3 TXVPC_2 TXVPC_1 TXVPC_0 ADIFF TX/RX channel C positive signal E2 B4 B8 B12 B16 B20 B24 F25 TXVNC_7 TXVNC_6 TXVNC_5 TXVNC_4 TXVNC_3 TXVNC_2 TXVNC_1 TXVNC_0 ADIFF TX/RX channel C negative signal |