전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STSPIN32G4TR 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STSPIN32G4TR
상세설명  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR 데이터시트(HTML) 5 Page - STMicroelectronics

  STSPIN32G4TR Datasheet HTML 1Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 2Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 3Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 4Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 5Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 6Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 7Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 8Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
2
Electrical data
2.1
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 1 may cause permanent damage to the device.
Exposure to maximum rating conditions for extended periods may affect device reliability.
All voltages referred to ground pins unless otherwise specified.
Table 1. Absolute maximum ratings
Symbol
Parameter
Test Condition
Value
Unit
VM
Motor supply voltage
-0.3 to 78
V
VCC
Gate driving supply voltage
-0.3 to 20
V
VSW
SW pin voltage
-2 to VM
V
VREGIN
3.3 V LDO linear regulator input
-0.3 to 20
V
VREG3V3
Logic supply voltage
-0.3 to 3.6
V
VREG3V3,drop
3.3 V linear regulator voltage drop
VREGIN - VREG3V3
-0.3 to 20
V
Pd,REG3V3
3.3 V LDO linear regulator power
dissipation
Up to 1
W
VOUTx
OUTx pins voltage
-2 to VM + 2
V
VBOOTx
Bootstrap pins voltage
-0.3 to 98
V
VBOx
High-side driver supply voltage
VBOOTx – VOUTx
-0.3 to 20
V
VGHSx
High-side gates voltage
VOUT-0.3 to
VBOOT+0.3
V
VGLSx
Low-side gates voltage
-0.3 to VCC+0.3
V
dVOUT/dt
Output slew rate
± 20
V/ns
VSCREF
SCREF input
-0.3 to 3.6
V
VDD, VDDA,
VBAT
MCU main supply voltages(1)
-0.3 to 4.0
V
VIO
MCU logic input voltage (1) (2)
FT_xxx pins except FT_c pins
VSS-0.3 to
min(VDD,VDDA) +
4.0(3)
V
FT_c pins
VSS-0.3 to 5.5
V
TT_xx pins and other pins
VSS-0.3 to 4.0
V
IIO
MCU I/O output current(1)
-20 to 20
mA
∑IIO
MCU I/O total output current(1) (4)
-100 to 100
mA
TSTG
Storage temperature
-55 to 150
°C
TJ
Junction temperature
-40 to 150
°C
1. Refer to the Absolute maximum ratings section in the STM32G431VBx3 datasheet.
2. All main power (VDD, VDDA, VBAT) and ground (VSS, VSSA) pins must always be connected to the external power supply,
in the permitted range.
3. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.
4. This current consumption must be correctly distributed over all I/Os and control pins.
STSPIN32G4
Electrical data
DS13630 - Rev 1
page 5/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com