전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STSPIN32G4TR 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STSPIN32G4TR
상세설명  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 4Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 5Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 6Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 7Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 8Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 9Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 10Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 11Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
3
Electrical characteristics
Testing conditions: VM = 60 V, VCC = 12 V, VREGIN = VREG3V3 = 3.3 V unless otherwise specified.
Typical values are tested at Tamb = 25°C, minimum and maximum values are guaranteed by thermal
characterization in the temperature range of -40 to 125°C, unless otherwise specified.
Table 5. Electrical characteristics – Gate driver IC
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply
VREG3V3(On)
Control logic turn-on threshold
VREG3V3 rising
2.5
V
VREG3V3(Off)
Control logic turn-off threshold
VREG3V3 falling
1.9
V
VREG3V3Stby(Off)
Control logic turn-off threshold
during standby
VREG3V3 falling
2.4
V
IREG3V3,qu
Control logic quiescent
consumption
MCU consumption excluded
Tamb = 25°C
1.9
3
µA
VCC(On)
VCC UVLO turn-on threshold
VCC rising
5.5
V
VCC(Hyst)
VCC UVLO hysteresis
VCC falling
70
mV
ICC,qu
VCC quiescent consumption
850
1700
µA
VBO(On)
VBOOT - VOUT UVLO turn-on
threshold
VBOOT rising
5
V
VBO(Hyst)
VBOOT - VOUT UVLO hysteresis VBOOT falling
100
mV
IBO,qu
VBOOT - VOUT quiescent
current
170
250
µA
IM,qu
VM quiescent consumption
VCC = 15 V ext
All gate driver outputs low.
1500
3000
µA
VCC buck regulator
VON,Buck
Regulator turn-on threshold
VM rising
3
4.5
V
VHyst,Buck
Regulator turn-off hysteresis
VM falling
50
150
250
mV
VCC,mean
Regulated output voltage
Set to 8 V, mean value
7.2
8
8.8
V
Set to 10 V, mean value
9
10
11
Set to 12 V, mean value
10.8
12
13.2
Set to 15 V, mean value
13.5
15
16.5
VCC,PkPk
Peak-to-peak output ripple
Percentage referred to target VCC
1.875
%
Ipeak,Buck
Peak current threshold
750
mA
fSW,Buck
Switching frequency
500
kHz
tON,Buck, min
Minimum buck ON-time
220
ns
tOFF,Buck min
Minimum buck OFF-time
220
ns
RDS(ON),SW
PMOS switch on-resistance
3
Ω
tSS,Buck
Soft-start time
3.3
ms
fSW,SS
Soft-start switching frequency
60
kHz
tdisable,Buck
Disable time
4
ms
STSPIN32G4
Electrical characteristics
DS13630 - Rev 1
page 8/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com