| 전자부품 데이터시트 검색엔진 |
|
STSPIN32G4TR 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN32G4TR 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 48 page ![]() Table 3. Thermal data Symbol Parameter Conditions Value Unit RthJA Junction-to-ambient thermal resistance Natural convection, according to JESD51-2a 48.3 °C/W ΨJT Junction-to-top characterization parameter According to JESD51-2a 1.6 °C/W ΨJB Junction-to-board characterization parameter According to JESD51-2a 32.0 °C/W 2.4 Electrical sensitivity characteristics Table 4. ESD protection ratings Symbol Parameter Test Condition Class Value Unit HBM Human Body Model Conforming to ANSI/ESDA/JEDEC JS-001-2014 2 kV CDM Charge Device Model All pins Conforming to ANSI/ESDA/JEDEC JS-002-2014 500 V CDM Charge Device Model Corner pins only Conforming to ANSI/ESDA/JEDEC JS-002-2014 750 V STSPIN32G4 Electrical sensitivity characteristics DS13630 - Rev 1 page 7/48 |