전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STSPIN32G4TR 데이터시트(PDF) 37 Page - STMicroelectronics

부품명 STSPIN32G4TR
상세설명  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR 데이터시트(HTML) 37 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 33Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 34Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 35Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 36Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 37Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 38Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 39Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 40Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
STSPIN32G4
Package information
DS13630 - Rev 1
page 37/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48