전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STSPIN32G4TR 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 STSPIN32G4TR
상세설명  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 8Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 9Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 10Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 11Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 12Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 13Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 14Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 15Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
N.
Name
Type
Function(1)
13
PA0
I/O – TT_a
TIM2_CH1, USART2_CTS, COMP1_OUT, TIM8_BKIN, TIM8_ETR,
TIM2_ETR,
EVENTOUT, ADC12_IN1, COMP1_INM, COMP3_INP, RTC_TAMP2,
WKUP1
14
PA1
I/O – TT_a
RTC_REFIN, TIM2_CH2, USART2_RTS_DE, TIM15_CH1N, EVENTOUT,
ADC12_IN2, COMP1_INP, OPAMP1_VINP, OPAMP3_VINP
15
PA2
I/O – TT_a
TIM2_CH3, USART2_TX, COMP2_OUT, TIM15_CH1, LPUART1_TX,
UCPD1_FRSTX, EVENTOUT, ADC1_IN3, COMP2_INM, OPAMP1_VOUT,
WKUP4/LSCO
16
PA3
I/O – TT_a
TIM2_CH4, SAI1_CK1, USART2_RX, TIM15_CH2, LPUART1_RX,
SAI1_MCLK_A, EVENTOUT, ADC1_IN4, COMP2_INP, OPAMP1_VINM/
OPAMP1_VINP
17
PA4
I/O – TT_a
TIM3_CH2, SPI1_NSS, SPI3_NSS/I2S3_WS, USART2_CK, SAI1_FS_B,
EVENTOUT, ADC2_IN17, DAC1_OUT1, COMP1_INM
18
PA5
I/O – TT_a
TIM2_CH1, TIM2_ETR, SPI1_SCK, UCPD1_FRSTX, EVENTOUT,
ADC2_IN13, DAC1_OUT2, COMP2_INM, OPAMP2_VINM
19
PA6
I/O – TT_a
TIM16_CH1, TIM3_CH1, TIM8_BKIN, SPI1_MISO, TIM1_BKIN,
COMP1_OUT, LPUART1_CTS, EVENTOUT, ADC2_IN3, OPAMP2_VOUT
20
PA7
I/O – TT_a
TIM17_CH1, TIM3_CH2, TIM8_CH1N, SPI1_MOSI, COMP2_OUT,
UCPD1_FRSTX, EVENTOUT, ADC2_IN4, COMP2_INP, OPAMP1_VINP,
OPAMP2_VINP
21
PC4
I/O - FT_fa
I2C2_SCL, USART1_TX, EVENTOUT, ADC2_IN5
22
PC5
I/O – TT_a
TIM15_BKIN, SAI1_D3, USART1_RX, EVENTOUT, ADC2_IN11,
OPAMP1_VINM, OPAMP2_VINM, WKUP5
23
PB0
I/O – TT_a
TIM3_CH3, TIM8_CH2N, UCPD1_FRSTX, EVENTOUT, ADC1_IN15,
COMP4_INP, OPAMP2_VINP, OPAMP3_VINP
24
PB1
I/O – TT_a
TIM3_CH4, TIM8_CH3N, COMP4_OUT, LPUART1_RTS_DE,
EVENTOUT, ADC1_IN12, COMP1_INP, OPAMP3_VOUT
25
PB2
I/O – TT_a
RTC_OUT2, LPTIM1_OUT, EVENTOUT, ADC2_IN12, COMP4_INM,
OPAMP3_VINM
26
VREF+
Power
MCU VREF+, VREFBUF_OUT
27
VDDA
Power
MCU analog supply voltage
28
PB10
I/O – TT_a
USART3_TX, LPUART1_RX, SAI1_SCK_A, EVENTOUT, OPAMP3_VINM
29
GLS1
Analog Out
Phase 1 low-side driver output
30
GLS2
Analog Out
Phase 2 low-side driver output
31
GLS3
Analog Out
Phase 3 low-side driver output
32
PGND
Power
Gate drivers power ground
33
NC
Internally not connected
34
NC
Internally not connected
35
BOOT3
Power
Phase 3 bootstrap supply voltage
36
OUT3
Power
Phase 3 high-side (floating) common voltage
37
GHS3
Analog Out
Phase 3 high-side driver output
38
BOOT2
Power
Phase 2 bootstrap supply voltage
39
OUT2
Power
Phase 2 high-side (floating) common voltage
40
GHS2
Analog Out
Phase 2 high-side driver output
41
BOOT1
Power
Phase 1 bootstrap supply voltage
STSPIN32G4
Pin description
DS13630 - Rev 1
page 12/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48