전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX182 데이터시트(PDF) 9 Page - Texas Instruments

부품명 OPAX182
상세설명  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPAX182 데이터시트(HTML) 9 Page - Texas Instruments

Back Button OPAX182 Datasheet HTML 5Page - Texas Instruments OPAX182 Datasheet HTML 6Page - Texas Instruments OPAX182 Datasheet HTML 7Page - Texas Instruments OPAX182 Datasheet HTML 8Page - Texas Instruments OPAX182 Datasheet HTML 9Page - Texas Instruments OPAX182 Datasheet HTML 10Page - Texas Instruments OPAX182 Datasheet HTML 11Page - Texas Instruments OPAX182 Datasheet HTML 12Page - Texas Instruments OPAX182 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
7.7 Electrical Characteristics (continued)
at TA = 25°C, VCM = VOUT = VS / 2, and RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = ±18 V,
(V–) + 0.3 V < VO < (V+) – 0.3 V,
RLOAD = 10 kΩ
OPA182ID, OPA2182
150
170
dB
OPA4182ID
145
170
TA = –40°C to
+125°C
146
VS = ±18 V,
(V–) + 0.6 V < VO < (V+) – 0.6 V,
RLOAD = 2 kΩ
OPA182ID, OPA2182
150
170
OPA4182ID
145
170
TA = –40°C to
+125°C
140
FREQUENCY RESPONSE
UGB
Unity-gain bandwith
AV = 1
3.6
MHz
GBW
Gain-bandwith product
AV = 1000
5
MHz
SR
Slew rate
Gain = 1, 10-V step
10
V/µs
THD+N
Total harmonic distortion
+ noise
Gain = 1, f = 1 kHz, VO = 3.5 VRMS
0.00008%
Crosstalk
OPA2182
At dc
150
dB
f = 10 kHz
120
tS
Settling time
To 0.1%
VS = ±18 V, gain = 1,
10-V step
1.3
µs
To 0.01%
VS = ±18 V, gain = 1,
10-V step, falling
1.7
VS = ±18 V, gain = 1,
10-V step, rising
3.4
tOR
Overload recovery time VIN × gain = VS = ±18V
220
ns
OUTPUT
VO
Voltage output swing
from rail
Positive rail
No load
5
15
mV
RLOAD = 10 kΩ
20
110
RLOAD = 2 kΩ
80
500
Negative rail
No load
5
15
RLOAD = 10 kΩ
20
110
RLOAD = 2 kΩ
80
500
TA = –40°C to +125°C, both rails
20
120
ISC
Short-circuit current
±65
mA
CLOAD
Capacitive load drive
See Typical Characteristics
pF
ZO
Open-loop output
impedance
f = 1 MHz
320
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
VS = ±2.25 V to ±18 V
TA = 25°C
0.85
1
mA
TA = –40°C to
+125°C
1.1
www.ti.com
OPA182, OPA2182, OPA4182
SBOS936D – DECEMBER 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com