전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX182 데이터시트(PDF) 28 Page - Texas Instruments

부품명 OPAX182
상세설명  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPAX182 데이터시트(HTML) 28 Page - Texas Instruments

Back Button OPAX182 Datasheet HTML 24Page - Texas Instruments OPAX182 Datasheet HTML 25Page - Texas Instruments OPAX182 Datasheet HTML 26Page - Texas Instruments OPAX182 Datasheet HTML 27Page - Texas Instruments OPAX182 Datasheet HTML 28Page - Texas Instruments OPAX182 Datasheet HTML 29Page - Texas Instruments OPAX182 Datasheet HTML 30Page - Texas Instruments OPAX182 Datasheet HTML 31Page - Texas Instruments OPAX182 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
9.2.4 Programmable Power Supply
Figure 9-6 shows the OPAx182 configured as a precision programmable power supply using the 16-bit, voltage
output DAC8581 and the OPA548 high-current amplifier. This application amplifies the digital-to-analog converter
(DAC) voltage by a value of five, and handles a large variety of capacitive and current loads. The OPAx182 in
the front-end provides precision and low drift across a wide range of inputs and conditions. Click the following
link to download the TINA-TI™ software file: Programmable Power-Supply Circuit.
DAC8581
Input = ± 5V
C2
500 nF
OPAx182
±15V
±
+
+15V
R2
1 k
R1
10 k
GND
R3
10 k
OPA548
±30V
±
+
+30V
R4
40 k
C1
500 nF
VOUT
Output = ± 25V
Copyright © 2017, Texas Instruments Incorporated
Figure 9-8. Programmable Power Supply
9.2.5 RTD Amplifier With Linearization
See the Analog Linearization of Resistance Temperature Detectors analog design journal for an in-depth
analysis of Figure 9-9. Click the following link to download the TINA-TI™ software file: RTD Amplifier with
Linearization.
OPAx182
RTD
Pt100
R5
105.8 kŸ
(1)
V
OUT
R3
60.4 kŸ
R1
4.99 kŸ
R2
49.1 kŸ
R4
1 kŸ
1 µF
1 µF
REF5050
15 V
In
Out
(5 V)
0°C = 0 V
200°C = 5 V
Copyright © 2017, Texas Instruments Incorporated
(1) R5 provides positive-varying excitation to linearize output.
Figure 9-9. RTD Amplifier With Linearization
OPA182, OPA2182, OPA4182
SBOS936D – DECEMBER 2019 – REVISED DECEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com