전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX182 데이터시트(PDF) 23 Page - Texas Instruments

부품명 OPAX182
상세설명  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPAX182 데이터시트(HTML) 23 Page - Texas Instruments

Back Button OPAX182 Datasheet HTML 19Page - Texas Instruments OPAX182 Datasheet HTML 20Page - Texas Instruments OPAX182 Datasheet HTML 21Page - Texas Instruments OPAX182 Datasheet HTML 22Page - Texas Instruments OPAX182 Datasheet HTML 23Page - Texas Instruments OPAX182 Datasheet HTML 24Page - Texas Instruments OPAX182 Datasheet HTML 25Page - Texas Instruments OPAX182 Datasheet HTML 26Page - Texas Instruments OPAX182 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The OPAx182 operational amplifiers combine precision offset and drift with excellent overall performance,
making these devices a great choice for many precision applications. The precision offset drift of only 0.005
µV/°C provides stability over the entire temperature range. In addition, the devices combine excellent CMRR,
PSRR, and AOL dc performance with outstanding low-noise operation. As with all amplifiers, applications with
noisy or high-impedance power supplies require decoupling capacitors close to the device pins. In most cases,
0.1-µF capacitors are adequate.
The following application examples highlight only a few of the circuits where the OPAx182 can be used.
9.2 Typical Applications
9.2.1 Strain Gauge Analog Linearization
±
+
18 V
±18 V
±
+
18 V
±18 V
Strain Gauge
10 k
10 k
3.4 M
Vexc
5 V
Vout
OPA2182
OPA2182
Figure 9-1. Bridge Sensor Analog Linearization With the OPA2182
9.2.1.1 Design Requirements
A strain gauge is used to measure an alteration due to external force through the use of electrical resistance
in a Wheatstone-bridge configuration. The Wheatstone bridge is used to precisely measure very low values of
resistances down in the mΩ range. An excitation voltage is applied to the bridge, and the output voltage across
the middle of the bridge is measured. The total change in output voltage is relatively small, typically in the mV
range. Therefore, an op amp is used to amplify the signal. The OPA2182 is designed to construct high-precision
amplification.
Use the following parameters for this design example:
• Use the op-amp linear output operating range, which is usually specified under the AOL test conditions. The
common-mode voltage is equal to the input signal.
• Use an op amp that does not add significant noise to the system or else the small output voltage from the
Wheatstone bridge will be lost.
• The input signal must be gained; therefore, use an op amp with low input offset voltage (VOS)
• The input signal must be gained; therefore, use an op amp with enough open-loop gain to provide the
required amplification
www.ti.com
OPA182, OPA2182, OPA4182
SBOS936D – DECEMBER 2019 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com