전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX182 데이터시트(PDF) 22 Page - Texas Instruments

부품명 OPAX182
상세설명  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPAX182 데이터시트(HTML) 22 Page - Texas Instruments

Back Button OPAX182 Datasheet HTML 18Page - Texas Instruments OPAX182 Datasheet HTML 19Page - Texas Instruments OPAX182 Datasheet HTML 20Page - Texas Instruments OPAX182 Datasheet HTML 21Page - Texas Instruments OPAX182 Datasheet HTML 22Page - Texas Instruments OPAX182 Datasheet HTML 23Page - Texas Instruments OPAX182 Datasheet HTML 24Page - Texas Instruments OPAX182 Datasheet HTML 25Page - Texas Instruments OPAX182 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Op Amp
Core
R
F
R
I
R
L
V
IN
(1)
I
D
IN
OUT
+IN
ESD Current-
Steering Diodes
V+
R
S
(3)
TVS
(2)
Edge-Triggered ESD
Absorption Circuit
V±
TVS
(2)
(1) VIN = V+ + 500 mV.
(2) TVS: 40 V > VTVSBR (min) > V+, where VTVSBR (min) is the minimum specified value for the transient voltage suppressor breakdown
voltage.
(3) Suggested value is approximately 5 kΩ in overvoltage conditions.
Figure 8-3. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
8.3.5 MUX-Friendly Inputs
The OPAx182 feature a proprietary input stage design that allows an input differential voltage to be applied
while maintaining high input impedance. Typically, high-voltage CMOS or bipolar-junction input amplifiers feature
antiparallel diodes that protect input transistors from large VGS voltages that may exceed the semiconductor
process maximum and permanently damage the device. Large VGS voltages can be forced when applying a
large input step, switching between channels, or attempting to use the amplifier as a comparator. For more
information, see the MUX-Friendly Precision Operational Amplifiers application brief.
The OPAx182 solve these problems with a switched-input technique that prevents large input bias currents
when large differential voltages are applied. This input architecture solves many issues seen in switched or
multiplexed applications, where large disruptions to RC filtering networks are caused by fast switching between
large potentials. The OPAx182 offer outstanding settling performance because of these design innovations,
along with built-in slew rate boost and wide bandwidth. The OPAx182 can also be used as a comparator.
Differential and common-mode Absolute Maximum Ratings still apply relative to the power supplies.
8.4 Device Functional Modes
The OPAx182 have a single functional mode, and are operational when the power-supply voltage is greater than
4.5 V (±2.25 V). The maximum power supply voltage is 36 V (±18 V).
OPA182, OPA2182, OPA4182
SBOS936D – DECEMBER 2019 – REVISED DECEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com