전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX182 데이터시트(PDF) 12 Page - Texas Instruments

부품명 OPAX182
상세설명  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OPAX182 데이터시트(HTML) 12 Page - Texas Instruments

Back Button OPAX182 Datasheet HTML 8Page - Texas Instruments OPAX182 Datasheet HTML 9Page - Texas Instruments OPAX182 Datasheet HTML 10Page - Texas Instruments OPAX182 Datasheet HTML 11Page - Texas Instruments OPAX182 Datasheet HTML 12Page - Texas Instruments OPAX182 Datasheet HTML 13Page - Texas Instruments OPAX182 Datasheet HTML 14Page - Texas Instruments OPAX182 Datasheet HTML 15Page - Texas Instruments OPAX182 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
7.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Supply Voltage (V)
0
9
18
27
36
-1
-0.5
0
0.5
1
--- 4.5V
Figure 7-7. Offset Voltage vs Supply Voltage
Frequency (Hz)
-20
30
0
45
20
60
40
75
60
90
80
105
100
120
120
135
140
150
160
165
180
180
10m 100m
1
10
100
1k
10k
100k
1M
10M
Gain
Phase
Figure 7-8. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-60
-40
-20
0
20
40
60
100
1k
10k
100k
1M
10M
G = 1
G = 1
G = 10
G = 100
Figure 7-9. Closed-Loop Gain vs Frequency
Input Common-Mode Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-500
-400
-300
-200
-100
0
100
200
300
400
500
__ IBP
__ IBN
Figure 7-10. Input Bias Current vs Common-Mode Voltage
Temperature (qC)
-50
-25
0
25
50
75
100
125
-1
0
1
2
3
4
5
IBN (nA)
IBP (nA)
IOS (nA)
Figure 7-11. Input Bias Current and Offset vs Temperature
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
12
13
14
15
16
17
18
-40 qC
25 qC
85 qC
125 qC
Figure 7-12. Output Voltage Swing vs Output Current (Sourcing)
OPA182, OPA2182, OPA4182
SBOS936D – DECEMBER 2019 – REVISED DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com