전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC8374L 데이터시트(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 PC8374L
상세설명  SensorPathTM SuperI/O with Glue Functions
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8374L 데이터시트(HTML) 100 Page - National Semiconductor (TI)

Back Button PC8374L Datasheet HTML 96Page - National Semiconductor (TI) PC8374L Datasheet HTML 97Page - National Semiconductor (TI) PC8374L Datasheet HTML 98Page - National Semiconductor (TI) PC8374L Datasheet HTML 99Page - National Semiconductor (TI) PC8374L Datasheet HTML 100Page - National Semiconductor (TI) PC8374L Datasheet HTML 101Page - National Semiconductor (TI) PC8374L Datasheet HTML 102Page - National Semiconductor (TI) PC8374L Datasheet HTML 103Page - National Semiconductor (TI) PC8374L Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 239 page
background image
4.0 System Wake-Up Control (SWC) (Continued)
www.national.com
100
Revision1.1
4.4.2
General-Purpose Status 1 Register (GPE1_STS)
This register contains the global Power Management Event status bit. This register belongs to the General-Purpose Event
1 register group of the ACPI generic-feature space registers.
The status bit behaves according to the Sticky Status Bit definition in the ACPI Specification (i.e., the bit is set when the level
of the hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 00h
Type:
R/W1C
4.4.3
General-Purpose Enable 1 Register (GPE1_EN)
This register contains the global Power Management Event enable bit. This register belongs to the General-Purpose Event
1 register group of the ACPI generic-feature space registers. It is reset to 00h.
The enable bit behaves according to the Enable Bit definition in the ACPI Specification (i.e., the bit can be read or written
by software).
Power Well: VSB3
Location:
Offset 04h
Type:
R/W
Bit
76543210
Name
Reserved
PME_STS
Reset
00000000
Bit
Description
7-1
Reserved.
0
PME_STS (Power Management Event Status). Indicates that an enabled Power Management event has
occurred. The bit is set if at least one enabled event (in GPE1_EN_0 to GPE1_EN_3 registers) is active (in
GPE1_STS_0 to GPE1_STS_3 registers). The bit can be reset by writing 1 only if all the enabled events are
inactive.
0: Inactive (default)
1: At least one enabled “child” event was active since this bit was last cleared
Bit
76543210
Name
Reserved
PME_EN
Reset
00000000
Bit
Description
7-1
Reserved.
0
PME_EN (Power Management Event Enable). Controls SCI (SIOPME) generation by a set PME_STS bit. If
this bit is set, a set PME_STS bit in GPE1_STS register generates an SCI interrupt.
0: Disable SCI (default)
1: Enable SCI generation by a set PME_STS bit
Winbond Electronics Corp. Advanced PC Product Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com