| 전자부품 데이터시트 검색엔진 |
|
STM32F730V8 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730V8 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 202 page ![]() Pinouts and pin description STM32F730x8 56/202 DS12536 Rev 2 - - 13 J2 PF3 I/O FT - FMC_A3, EVENTOUT ADC3_IN9 - - 14 J3 PF4 I/O FT - FMC_A4, EVENTOUT ADC3_IN14 - - 15 K3 PF5 I/O FT - FMC_A5, EVENTOUT ADC3_IN15 - 10 16 G2 VSS S - - - - -11 17 G3 VDD S - - - - - - 18 K2 PF6 I/O FT - TIM10_CH1, SPI5_NSS, SAI1_SD_B, UART7_RX, QUADSPI_BK1_IO3, EVENTOUT ADC3_IN4 - - 19 K1 PF7 I/O FT - TIM11_CH1, SPI5_SCK, SAI1_MCLK_B, UART7_TX, QUADSPI_BK1_IO2, EVENTOUT ADC3_IN5 - - 20 L3 PF8 I/O FT - SPI5_MISO, SAI1_SCK_B, UART7_RTS, TIM13_CH1, QUADSPI_BK1_IO0, EVENTOUT ADC3_IN6 - - 21 L2 PF9 I/O FT - SPI5_MOSI, SAI1_FS_B, UART7_CTS, TIM14_CH1, QUADSPI_BK1_IO1, EVENTOUT ADC3_IN7 - - 22 L1 PF10 I/O FT - EVENTOUT ADC3_IN8 512 23 G1 PH0-OSC_IN I/O FT (4) EVENTOUT OSC_IN 613 24 H1 PH1-OSC_OUT I/O FT (4) EVENTOUT OSC_OUT 714 25 J1 NRST I/O RS T -- - 815 26 M2 PC0 I/O FT (5) SAI2_FS_B, OTG_HS_ULPI_STP, FMC_SDNWE, EVENTOUT ADC1_IN10, ADC2_IN10, ADC3_IN10 Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |