전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F730V8 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STM32F730V8
상세설명  Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F730V8 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STM32F730V8 Datasheet HTML 10Page - STMicroelectronics STM32F730V8 Datasheet HTML 11Page - STMicroelectronics STM32F730V8 Datasheet HTML 12Page - STMicroelectronics STM32F730V8 Datasheet HTML 13Page - STMicroelectronics STM32F730V8 Datasheet HTML 14Page - STMicroelectronics STM32F730V8 Datasheet HTML 15Page - STMicroelectronics STM32F730V8 Datasheet HTML 16Page - STMicroelectronics STM32F730V8 Datasheet HTML 17Page - STMicroelectronics STM32F730V8 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 202 page
background image
Description
STM32F730x8
14/202
DS12536 Rev 2
These features make the STM32F730x8 microcontrollers suitable for a wide range of
applications:
•
Motor drive and application control,
•
Medical equipment,
•
Industrial applications: PLC, inverters, circuit breakers,
•
Printers, and scanners,
•
Alarm systems, video intercom, and HVAC,
•
Home audio appliances,
•
Mobile applications, Internet of Things,
•
Wearable devices: smartwatches.
The following table lists the peripherals available on each part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More