| 전자부품 데이터시트 검색엔진 |
|
STM32F730V8 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730V8 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 202 page ![]() DS12536 Rev 2 57/202 STM32F730x8 Pinouts and pin description 83 916 27 M3 PC1 I/O FT - TRACED0, SPI2_MOSI/I2S2_SD, SAI1_SD_A, EVENTOUT ADC1_IN11, ADC2_IN11, ADC3_IN11, RTC_TAMP3, WKUP3 10 17 28 M4 PC2 I/O FT (5) SPI2_MISO, OTG_HS_ULPI_DIR, FMC_SDNE0, EVENTOUT ADC1_IN12, ADC2_IN12, ADC3_IN12 11 18 29 M5 PC3 I/O FT (5) SPI2_MOSI/I2S2_SD, OTG_HS_ULPI_NXT, FMC_SDCKE0, EVENTOUT ADC1_IN13, ADC2_IN13, ADC3_IN13 -- 30 - VDD S - - - - 12 19 31 M1 VSSA S - - - - -- - N1 VREF- S - - - - 13 20 32 P1 VREF+ S - - - - - 21 33 R1 VDDA S - - - - 14 22 34 N3 PA0-WKUP I/O FT (6) TIM2_CH1/TIM2_ETR, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, SAI2_SD_B, EVENTOUT ADC1_IN0, ADC2_IN0, ADC3_IN0, WKUP1 15 23 35 N2 PA1 I/O FT - TIM2_CH2, TIM5_CH2, USART2_RTS, UART4_RX, QUADSPI_BK1_IO3, SAI2_MCK_B, EVENTOUT ADC1_IN1, ADC2_IN1, ADC3_IN1 16 24 36 P2 PA2 I/O FT - TIM2_CH3, TIM5_CH3, TIM9_CH1, USART2_TX, SAI2_SCK_B, EVENTOUT ADC1_IN2, ADC2_IN2, ADC3_IN2, WKUP2 Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |