| 전자부품 데이터시트 검색엔진 |
|
STM32F730V8 데이터시트(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730V8 데이터시트(HTML) 59 Page - STMicroelectronics |
|
59 / 202 page ![]() DS12536 Rev 2 59/202 STM32F730x8 Pinouts and pin description 83 - 33 45 P5 PC5 I/O FT - FMC_SDCKE0, EVENTOUT ADC1_IN15, ADC2_IN15 25 34 46 R5 PB0 I/O FT (5) TIM1_CH2N, TIM3_CH3, TIM8_CH2N, UART4_CTS, OTG_HS_ULPI_D1, EVENTOUT ADC1_IN8, ADC2_IN8 26 35 47 R4 PB1 I/O FT (5) TIM1_CH3N, TIM3_CH4, TIM8_CH3N, OTG_HS_ULPI_D2, EVENTOUT ADC1_IN9, ADC2_IN9 27 36 48 M6 PB2 I/O FT - SAI1_SD_A, SPI3_MOSI/I2S3_SD, QUADSPI_CLK, EVENTOUT - -- 49 R6 PF11 I/O FT - SPI5_MOSI, SAI2_SD_B, FMC_SDNRAS, EVENTOUT - - - 50 P6 PF12 I/O FT - FMC_A6, EVENTOUT - - - 51 M8 VSS S - - - - -- 52 N8 VDD S - - - - - - 53 N6 PF13 I/O FT - FMC_A7, EVENTOUT - - - 54 R7 PF14 I/O FT - FMC_A8, EVENTOUT - - - 55 P7 PF15 I/O FT - FMC_A9, EVENTOUT - - - 56 N7 PG0 I/O FT - FMC_A10, EVENTOUT - - - 57 M7 PG1 I/O FT - FMC_A11, EVENTOUT - -37 58 R8 PE7 I/O FT - TIM1_ETR, UART7_Rx, QUADSPI_BK2_IO0, FMC_D4, EVENTOUT - -38 59 P8 PE8 I/O FT - TIM1_CH1N, UART7_Tx, QUADSPI_BK2_IO1, FMC_D5, EVENTOUT - -39 60 P9 PE9 I/O FT - TIM1_CH1, UART7_RTS, QUADSPI_BK2_IO2, FMC_D6, EVENTOUT - - - 61 M9 VSS S - - - - -- 62 N9 VDD S - - - - Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |