전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F730V8 데이터시트(PDF) 60 Page - STMicroelectronics

부품명 STM32F730V8
상세설명  Arm® Cortex®-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F730V8 데이터시트(HTML) 60 Page - STMicroelectronics

Back Button STM32F730V8 Datasheet HTML 56Page - STMicroelectronics STM32F730V8 Datasheet HTML 57Page - STMicroelectronics STM32F730V8 Datasheet HTML 58Page - STMicroelectronics STM32F730V8 Datasheet HTML 59Page - STMicroelectronics STM32F730V8 Datasheet HTML 60Page - STMicroelectronics STM32F730V8 Datasheet HTML 61Page - STMicroelectronics STM32F730V8 Datasheet HTML 62Page - STMicroelectronics STM32F730V8 Datasheet HTML 63Page - STMicroelectronics STM32F730V8 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 202 page
background image
Pinouts and pin description
STM32F730x8
60/202
DS12536 Rev 2
-
40
63
R9
PE10
I/O
FT
-
TIM1_CH2N, UART7_CTS,
QUADSPI_BK2_IO3, FMC_D7,
EVENTOUT
-
-41
64 P10
PE11
I/O
FT
-
TIM1_CH2, SPI4_NSS,
SAI2_SD_B, FMC_D8,
EVENTOUT
-
-
42
65 R10
PE12
I/O
FT
-
TIM1_CH3N, SPI4_SCK,
SAI2_SCK_B, FMC_D9,
EVENTOUT
-
-
43
66 N11
PE13
I/O
FT
-
TIM1_CH3, SPI4_MISO,
SAI2_FS_B, FMC_D10,
EVENTOUT
-
-
44
67
P11
PE14
I/O
FT
-
TIM1_CH4, SPI4_MOSI,
SAI2_MCK_B, FMC_D11,,
EVENTOUT
-
-
45
68 R11
PE15
I/O
FT
-
TIM1_BKIN, FMC_D12,
EVENTOUT
-
28
46
69 R12
PB10
I/O
FTf (5)
TIM2_CH3, I2C2_SCL,
SPI2_SCK/I2S2_CK,
USART3_TX, OTG_HS_ULPI_D3,
EVENTOUT
-
29
47
70 R13
PB11
I/O
FTf (5)
TIM2_CH4, I2C2_SDA,
USART3_RX, OTG_HS_ULPI_D4,
EVENTOUT
-
30
48
71 M10
VCAP_1
S
-
-
-
-
31
49
-
-
VSS
S
-
-
-
-
32
50
72 N10
VDD
S
-
-
-
-
--
-
M11
PH6
I/O
FT
-
I2C2_SMBA, SPI5_SCK,
TIM12_CH1, FMC_SDNE1,
EVENTOUT
-
--
-
N12
PH7
I/O
FTf
-
I2C3_SCL, SPI5_MISO,
FMC_SDCKE1, EVENTOUT
-
--
-
M12
PH8
I/O
FTf
-
I2C3_SDA, FMC_D16,
EVENTOUT
-
Table 10. STM32F730x8 pin and ball definition (continued)
Pin Number
Pin name (function
after reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More