| 전자부품 데이터시트 검색엔진 |
|
STM32WLE4JC 데이터시트(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JC 데이터시트(HTML) 55 Page - STMicroelectronics |
|
55 / 146 page ![]() DS13105 Rev 9 55/146 STM32WLE5/E4xx Pinouts, pin description and alternate functions 60 - - D7 PB13 I/O FT_fa - TIM1_CH1N, I2C3_SCL, SPI2_SCK/I2S2_CK, LPUART1_CTS, CM4_EVENTOUT ADC_IN0 - - C6 PB14 I/O FT_fa - TIM1_CH2N, I2S2_MCK, I2C3_SDA, SPI2_MISO, CM4_EVENTOUT ADC_IN1 33 D3 C8 PA10 I/O FT_fa - RTC_REFIN, TIM1_CH3, I2C1_SDA, SPI2_MOSI/I2S2_SD, USART1_RX, DEBUG_RF_HSE32RDY, TIM17_BKIN, CM4_EVENTOUT COMP1_INM, COMP2_INM, DAC_OUT1, ADC_IN6 34 E4 B9 PA11 I/O FT_fa - TIM1_CH4, TIM1_BKIN2, LPTIM3_ETR, I2C2_SDA, SPI1_MISO, USART1_CTS, DEBUG_RF_NRESET, CM4_EVENTOUT COMP1_INM, COMP2_INM, ADC_IN7 35 D5 A9 PA12 I/O FT_fa - TIM1_ETR, LPTIM3_IN1, I2C2_SCL, SPI1_MOSI, RF_BUSY, USART1_RTS, CM4_EVENTOUT ADC_IN8 36 D7 B8 PA13 I/O FT_a - JTMS-SWDIO, I2C2_SMBA, IR_OUT, CM4_EVENTOUT ADC_IN9 - C2 B7 VSS S - - - - -A2 A7 VDD S - - - - 37 - A8 VBAT S - - - - 38 - C7 PC13 I/O FT - CM4_EVENTOUT TAMP_IN1/ RTC_OUT1/RTC_TS/ WKUP2 39 B3 B6 PC14-OSC32_IN I/O FT - CM4_EVENTOUT OSC32_IN 40 A4 C5 PC15- OSC32_OUT I/O FT - CM4_EVENTOUT OSC32_OUT - - B5 VREF+ S - - - - 41 B5 A5 VDDA S - - - - - C4 - VSS S - - - - Table 19. STM32WLE5/E4xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |