| 전자부품 데이터시트 검색엔진 |
|
STM32WB15CC 데이터시트(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB15CC 데이터시트(HTML) 120 Page - STMicroelectronics |
|
120 / 127 page ![]() Package information STM32WB15CC 120/127 DS13258 Rev 4 Table 84. WLCSP49 mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to four decimal digits. Min Typ Max Min Typ Max A(2) 2. The maximum total package height is calculated by the RSS method (Root Sum Square) using nominal and tolerances values of A1 and A2. - - 0.59 - - 0.023 A1 - 0.18 - - 0.007 - A2 - 0.38 - - 0.015 - A3(3) 3. Back side coating. Nominal dimension is rounded to the third decimal place resulting from process capability. - 0.025 - - 0.001 - b 0.22 0.25 0.28 0.009 0.010 0.011 D 3.28 3.30 3.32 0.129 0.130 0.131 E 3.36 3.38 3.39 0.132 0.133 0.133 e - 0.40 - - 0.016 - e1 - 2.40 - - 0.094 - e2 - 2.40 - - 0.094 - F(4) 4. Calculated dimensions are rounded to the third decimal place. - 0.579 - - 0.023 - G(4) - 0.502 - - 0.020 - H - 0.321 - - 0.013 - K - 0.478 - - 0.019 - aaa - - 0.10 - - 0.004 bbb - - 0.10 - - 0.004 ccc - - 0.10 - - 0.004 ddd - - 0.05 - - 0.002 eee - - 0.05 - - 0.002 |