| 전자부품 데이터시트 검색엔진 |
|
H7CC-R11D 데이터시트(PDF) 26 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
H7CC-R11D 데이터시트(HTML) 26 Page - Omron Electronics LLC |
|
26 / 66 page ![]() 26 H7CC-A @ Counter Input mode Operation after count completion Output mode setting K-1 UP DOWN The present value display continues to increase/ decrease. OUT1 self-holding output turns OFF after the OUT2 one-shot output time. The OUT1 one-shot output time is independent of OUT2. UP/DOWN A, B, C UP/DOWN D, E, F P UP DOWN The present value display does not change during the one-shot output time period, but the actual count returns to the reset start status. The output will return to one-shot mode. The outputs repeat one- shot operation. OUT1 self-holding output turns OFF after the OUT2 one-shot output time. The OUT1 one-shot output time is independent of OUT2. UP/DOWN A, B, C UP/DOWN D, E, F Self-holding output Self-holding output One-shot output from OUT1 One-shot output from OUT2 (The one-shot output time can be set in the range 0.01 to 99.99s.) 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 0 Reset/ reset 1 OUT1 OUT2 999999 Set value 2 Set value 1 |