전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UE48-2OS2D2 데이터시트(PDF) 14 Page - SICK AG

부품명 UE48-2OS2D2
상세설명  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 데이터시트(HTML) 14 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 10Page - SICK AG UE48-2OS2D2 Datasheet HTML 11Page - SICK AG UE48-2OS2D2 Datasheet HTML 12Page - SICK AG UE48-2OS2D2 Datasheet HTML 13Page - SICK AG UE48-2OS2D2 Datasheet HTML 14Page - SICK AG UE48-2OS2D2 Datasheet HTML 15Page - SICK AG UE48-2OS2D2 Datasheet HTML 16Page - SICK AG UE48-2OS2D2 Datasheet HTML 17Page - SICK AG UE48-2OS2D2 Datasheet HTML 18Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Output expansion modules for OSSDs
1 4
ue12-2fG
Operating data
ue12-2fG2d0
ue12-2fG3d0
rated impulse withstand voltage u
imp
4 kV
overvoltage category
II
rated insulation voltage u
i
300 V AC
test voltage
1.2 kV (50 Hz) (EN 60439-1)
enclosure rating
Clamps
IP 20 (EN 60529)
Housing
IP 40 (EN 60529)
ambient operating temperature
0 °C ... +55 °C
Storage temperature
–25 °C ... +75 °C
connection type
Screw-type terminals
Plug-in screw-type terminals
conductor cross-section
Single wire (2x, same cross-section)
0.2 mm² ... 1 mm²
Single wire (1x)
0.2 mm² ... 4 mm²
0.2 mm² ... 2.5 mm²
Fine wire with ferrules (2x, same cross-section)
0.2 mm² ... 0.5 mm²
0.2 mm² ... 1.5 mm²
Fine wire with ferrules (1x)
0.2 mm² ... 2.5 mm²
dimensions (W x H x d)
17.8 mm x 89.8 mm x 70.8 mm
17.8 mm x 105.5 mm x 70.8 mm
Weight
91 g
ordering information
connection type
type
Part no
Screw-type terminals
UE12-2FG2D0
1043917
Plug-in screw-type terminals
UE12-2FG3D0
1043918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com