전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UE48-2OS2D2 데이터시트(PDF) 47 Page - SICK AG

부품명 UE48-2OS2D2
상세설명  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 데이터시트(HTML) 47 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 43Page - SICK AG UE48-2OS2D2 Datasheet HTML 44Page - SICK AG UE48-2OS2D2 Datasheet HTML 45Page - SICK AG UE48-2OS2D2 Datasheet HTML 46Page - SICK AG UE48-2OS2D2 Datasheet HTML 47Page - SICK AG UE48-2OS2D2 Datasheet HTML 48Page - SICK AG UE48-2OS2D2 Datasheet HTML 49Page - SICK AG UE48-2OS2D2 Datasheet HTML 50Page - SICK AG UE48-2OS2D2 Datasheet HTML 51Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
4 7
ue43-3mf
ordering information
Supply voltage
type
Part no
24 V AC
UE43-3MF2A0
6024898
115 V AC
UE43-3MF2A1
6024899
120 V AC
UE43-3MF2A2
6024900
230 V AC
UE43-3MF2A3
6024901
24 V DC
UE43-3MF2D3
6024897
dimensional drawings
dimensions in mm (inch)
Screw-type terminals
(0.15)
3.8
120.5
107
(1.77)
(4.21)
(4.74)
45
for mounting rail EN 50 022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com