전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UE48-2OS2D2 데이터시트(PDF) 57 Page - SICK AG

부품명 UE48-2OS2D2
상세설명  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 데이터시트(HTML) 57 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 53Page - SICK AG UE48-2OS2D2 Datasheet HTML 54Page - SICK AG UE48-2OS2D2 Datasheet HTML 55Page - SICK AG UE48-2OS2D2 Datasheet HTML 56Page - SICK AG UE48-2OS2D2 Datasheet HTML 57Page - SICK AG UE48-2OS2D2 Datasheet HTML 58Page - SICK AG UE48-2OS2D2 Datasheet HTML 59Page - SICK AG UE48-2OS2D2 Datasheet HTML 60Page - SICK AG UE48-2OS2D2 Datasheet HTML 61Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
5 7
ue43-4ar
dimensional drawings
dimensions in mm (inch)
Screw-type terminals
(3.25)
82.5
(3.67)
93.3
(3.8)
96.5
(1.9)
48.3
(2.63)
66.7
(2.48)
63
Plug-in screw-type terminals
(3.07)
78
(3.67)
93.3
(3.8)
96.5
(2.28)
58
(2.64)
67
(3.35)
85
connection diagram
A1
Power
Reset
CH 1
CH 2
Control-Logic
A2
S34
13
K1
K2
23 33 43
14 24 34 44
S21 S11
S12 S52 S22
–
+
+
–
+
Function
After applying the supply voltage (LED SUPPLY illuminates),
the normally open contacts remain open. If the connected
sensor is not activated or the protective field of the connected
electro-sensitive protective equipment (ESPE) is not broken (i.e.
the input circuits are closed), then the normally open contacts
close immediately in automatic reset, LED K1 and K2 illumi-
nate. The activation of the sensor or incursion into the protec-
tive field of the non-contact safety device (open state of one of
the two input circuits) affects the opening of the normally open
contacts (LED K1 and K2 off).
External device monitoring (EDM)
The UE43-4AR unit can take over external device monitoring.
The contactor monitoring system monitors the external relays
by way of their normally closed contacts. Connect the EDM
contacts between S11 and S34, they replace the wire link.
Automatic reset
S11 - S34 must be linked.
Cross-circuit detection
Cross-circuit is detected on dual-channel wired systems, if
these are wired with opposing polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com