전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UE48-2OS2D2 데이터시트(PDF) 68 Page - SICK AG

부품명 UE48-2OS2D2
상세설명  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 데이터시트(HTML) 68 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 64Page - SICK AG UE48-2OS2D2 Datasheet HTML 65Page - SICK AG UE48-2OS2D2 Datasheet HTML 66Page - SICK AG UE48-2OS2D2 Datasheet HTML 67Page - SICK AG UE48-2OS2D2 Datasheet HTML 68Page - SICK AG UE48-2OS2D2 Datasheet HTML 69Page - SICK AG UE48-2OS2D2 Datasheet HTML 70Page - SICK AG UE48-2OS2D2 Datasheet HTML 71Page - SICK AG UE48-2OS2D2 Datasheet HTML 72Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
6 8
ue45-3S1
Internal circuitry
Channel 1 Channel 2
RESET
CONTROL- LOGIC
K 2
K 4
K 1
K 3
+
S31 S22
S12
S21
-
S11
+
A1 A2
13 23
14 24
37
38
S33 S34 S35
(–)
(+)
Function
After applying the supply voltage (LED SUPPLY illuminates), the
normally open contacts remain open. If the connected sensor
is not activated (i.e., the input circuits are closed), the normally
open contacts close immediately during automatic resetting;
LED K1/K2 and K3/K4 illuminate. In the case of manual reset-
ting, this only occurs after pressing and releasing the reset
button.
The activation of the sensor (opening of one or both input
circuits) affects the opening of both normally open contacts (13
- 14 / 23 - 24) immediately, and a time delayed opening of the
third circuit (37 - 38), with LED K1/K2 immediately going off
and K3/K4 going off later.
External device monitoring (EDM)
The unit can take over external device monitoring. The contac-
tor monitoring system monitors the external relays by way of
their normally closed contacts.
Manual reset
For manual reset, a pushbutton must be connected to termi-
nals S33 - S34. This reset is monitored.
Automatic reset
For automatic reset, S33 - S35 must be linked.
Cross-circuit detection
Cross-circuit is detected on dual-channel wired systems, if
these are wired with opposing polarity.
Monitoring of synchronization
Only if input 2 closes no later than 0.5 sec after input 1, do the
output circuits close. If input 2 closes before input 1, the syn-
chronization monitoring of will not be affected and the output
circuits will close. This monitoring only takes place in automatic
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com