전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UE48-2OS2D2 데이터시트(PDF) 70 Page - SICK AG

부품명 UE48-2OS2D2
상세설명  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 데이터시트(HTML) 70 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 66Page - SICK AG UE48-2OS2D2 Datasheet HTML 67Page - SICK AG UE48-2OS2D2 Datasheet HTML 68Page - SICK AG UE48-2OS2D2 Datasheet HTML 69Page - SICK AG UE48-2OS2D2 Datasheet HTML 70Page - SICK AG UE48-2OS2D2 Datasheet HTML 71Page - SICK AG UE48-2OS2D2 Datasheet HTML 72Page - SICK AG UE48-2OS2D2 Datasheet HTML 73Page - SICK AG UE48-2OS2D2 Datasheet HTML 74Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for safety sensors
7 0
ue48-2oS
Product description
The UE48-20S safety relay can con-
nect all common safety solutions. In the
field of emergency stop pushbuttons,
mechanical and non-contact safety
switches it not only controls the signals,
but controls the cross circuit detection
and sequence monitoring as well. The
signals of the opto-electronic protec-
tive device are directly taken over and
converted by the safety relay. The relay
detects objects on the pressure-sensitive
mat when it registers a short-circuit on
the input circuit.
at a glance
• Ideal for the evaluation of emergency
stop pushbuttons, safety switches,
safety light curtains, safety laser
scanners and safety pressure sensi-
tive mats
• Cross circuit detection and sequence
monitoring for dual-channel actuation
• 2 safety outputs, 1 application diag-
nostic output
• Manual or automatic reset
• External device monitoring (EDM)
• Coded plugs for all slots
Your benefits
• One module for all common applica-
tions simplifies machine integration
• Complete monitoring and evaluation
of sensors
• The sequence monitoring takes over
the evaluation of non-contact safety
switches
• Fast diagnostics via status informa-
tion reduces downtime
• Fast, tool-free exchange via coded,
plug-in screw-type terminals
• Combines the advantages of classic
relays and easy circuitry
Evaluation units for safety sensors
UE48-2OS
Safety relay for all common safety applica-
tions
additional information
Detailed technical data. . . . . . . . . . . 71
Ordering information. . . . . . . . . . . . . 73
Dimensional drawings . . . . . . . . . . . 73
Internal circuitry . . . . . . . . . . . . . . . . 74
Connection diagrams . . . . . . . . . . . . 75
-
-
www.mysick.com/en/UE48-2OS
For more information, just enter the link or scan the QR code and get direct access to technical
data, CAD design models, operating instructions, software, application examples and much more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92