전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UE48-2OS2D2 데이터시트(PDF) 27 Page - SICK AG

부품명 UE48-2OS2D2
상세설명  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 데이터시트(HTML) 27 Page - SICK AG

Back Button UE48-2OS2D2 Datasheet HTML 23Page - SICK AG UE48-2OS2D2 Datasheet HTML 24Page - SICK AG UE48-2OS2D2 Datasheet HTML 25Page - SICK AG UE48-2OS2D2 Datasheet HTML 26Page - SICK AG UE48-2OS2D2 Datasheet HTML 27Page - SICK AG UE48-2OS2D2 Datasheet HTML 28Page - SICK AG UE48-2OS2D2 Datasheet HTML 29Page - SICK AG UE48-2OS2D2 Datasheet HTML 30Page - SICK AG UE48-2OS2D2 Datasheet HTML 31Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Evaluation units for switching contacts
2 7
ue23-2mf
dimensional drawings
dimensions in mm (inch)
Screw-type terminals
(2.97)
75.5
(3.68)
(2.81)
93.5
71.5
22.5
(0.89)
(3.01)
76.5
(2.19)
55.5
connection diagram
A1 A2
14
24 32
K1
K2
Y1 Y2 Y3
13 23 31
CONTROL
LOGIC
RESET
Function
The connected emergency stop pushbuttons or safety switches
are controlled by the supply voltage.
After applying the supply voltage (LED SUPPLY illuminates),
the normally open contacts remain in the open state. If the
connected sensor is not activated (i.e., the input circuits are
closed), then the normally open contacts close immediately
in automatic reset (LED “K1, K2“ illuminates). In the case of
manual reset, this only occurs after pressing the reset button.
External device monitoring (EDM)
The unit can take over the function of external device monitor-
ing. The contactor monitoring system monitors the external
relays through their normally closed contacts.
Manual reset
For manual resetting, a pushbutton must be connected to
terminals Y1 and Y3. This reset is monitored.
Automatic reset
For automatic resetting, Y1 - Y2 must be linked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com