전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCT8317A 데이터시트(PDF) 19 Page - Texas Instruments

부품명 MCT8317A
상세설명  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A 데이터시트(HTML) 19 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 15Page - Texas Instruments MCT8317A Datasheet HTML 16Page - Texas Instruments MCT8317A Datasheet HTML 17Page - Texas Instruments MCT8317A Datasheet HTML 18Page - Texas Instruments MCT8317A Datasheet HTML 19Page - Texas Instruments MCT8317A Datasheet HTML 20Page - Texas Instruments MCT8317A Datasheet HTML 21Page - Texas Instruments MCT8317A Datasheet HTML 22Page - Texas Instruments MCT8317A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 161 page
background image
8.3.5 Slew Rate Control
An adjustable gate-drive current control for the MOSFETs in the output stage is provided to achieve configurable
slew rate for EMI mitigation. The MOSFET VDS slew rate is a critical factor for optimizing radiated emissions,
total energy and duration of diode recovery spikes and switching voltage transients related to parasitic elements
of the PCB. This slew rate is predominantly determined by the control of the internal MOSFET gate current as
shown in Figure 8-4.
VM
OUTx
VCP (Internal)
Slew Rate
Control
Slew Rate
Control
VCP (Internal)
GND
Figure 8-4. Slew Rate Circuit Implementation
The slew rate of each half-bridge can be adjusted through SLEW_RATE settings. Slew rate can be configured as
25-V/µs, 50-V/µs, 125-V/µs or 200-V/µs. The slew rate is calculated by the rise-time and fall-time of the voltage
on OUTx pin as shown in Figure 8-5.
20%
80%
20%
80%
t
fall
VM
t
rise
0
VM
V
OUTx
Time
Figure 8-5. Slew Rate Timings
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com