전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCT8317A 데이터시트(PDF) 91 Page - Texas Instruments

부품명 MCT8317A
상세설명  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A 데이터시트(HTML) 91 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 87Page - Texas Instruments MCT8317A Datasheet HTML 88Page - Texas Instruments MCT8317A Datasheet HTML 89Page - Texas Instruments MCT8317A Datasheet HTML 90Page - Texas Instruments MCT8317A Datasheet HTML 91Page - Texas Instruments MCT8317A Datasheet HTML 92Page - Texas Instruments MCT8317A Datasheet HTML 93Page - Texas Instruments MCT8317A Datasheet HTML 94Page - Texas Instruments MCT8317A Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 161 page
background image
8.7.1.6 CLOSED_LOOP3 Register (Offset = 8Ah) [Reset = 000000A0h]
CLOSED_LOOP3 is shown in Figure 8-54 and described in Table 8-16.
Return to the Table 8-9.
Register to configure close loop settings3
Figure 8-54. CLOSED_LOOP3 Register
31
30
29
28
27
26
25
24
PARITY
INTEG_CYCL_THR_LOW
INTEG_CYCL_THR_HIGH
INTEG_DUTY_THR_LOW
INTEG_DUTY_
THR_HIGH
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
23
22
21
20
19
18
17
16
INTEG_DUTY_
THR_HIGH
BEMF_THRESHOLD2
BEMF_THRES
HOLD1
R/W-0h
R/W-0h
R/W-0h
15
14
13
12
11
10
9
8
BEMF_THRESHOLD1
DYN_DGS_FILT_COUNT
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
DYN_DGS_UPPER_LIM
DYN_DGS_LOWER_LIM
DEGAUSS_MAX_WIN
DYN_DEGAUS
S_EN
R/W-2h
R/W-2h
R/W-0h
R/W-0h
Table 8-16. CLOSED_LOOP3 Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30-29
INTEG_CYCL_THR_LOW R/W
0h
Number of BEMF samples per 30° below which commutation method
switches from integration to ZC
0h = 3
1h = 4
2h = 6
3h = 8
28-27
INTEG_CYCL_THR_HIG
H
R/W
0h
Number of BEMF samples per 30° above which commutation
method switches from ZC to integration
0h = 4
1h = 6
2h = 8
3h = 10
26-25
INTEG_DUTY_THR_LOW R/W
0h
Duty cycle below which commutation method switches from
integration to ZC
0h = 12 %
1h = 15 %
2h = 18 %
3h = 20 %
24-23
INTEG_DUTY_THR_HIG
H
R/W
0h
Duty cycle above which commutation method switches from ZC to
integration
0h = 12 %
1h = 15 %
2h = 18 %
3h = 20 %
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com