전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCT8317A 데이터시트(PDF) 62 Page - Texas Instruments

부품명 MCT8317A
상세설명  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A 데이터시트(HTML) 62 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 58Page - Texas Instruments MCT8317A Datasheet HTML 59Page - Texas Instruments MCT8317A Datasheet HTML 60Page - Texas Instruments MCT8317A Datasheet HTML 61Page - Texas Instruments MCT8317A Datasheet HTML 62Page - Texas Instruments MCT8317A Datasheet HTML 63Page - Texas Instruments MCT8317A Datasheet HTML 64Page - Texas Instruments MCT8317A Datasheet HTML 65Page - Texas Instruments MCT8317A Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 161 page
background image
8.3.19.10 Over Temperature Shutdown (OTS)
If the die temperature exceeds the thermal shutdown limit (TOTS), all the FETs are disabled and the nFAULT
pin is driven low. In addition, the DRIVER_FAULT and OTS bits in the GATE_DRIVER_FAULT_STATUS register
are set to 1b. Normal operation resumes (driver operation and the nFAULT pin is released) when the die
temperature decreases below the hysteresis point of the over temperature shutdown limit (TOTS - TOTS_HYS). The
OTS bit stays latched high indicating that a thermal event occurred until a clear fault command is issued through
the CLR_FLT bit. This protection feature cannot be disabled.
8.3.19.11 Motor Lock (MTR_LCK)
The MCT8317A continuously checks for different motor lock conditions (see Motor Lock Detection) during motor
operation. When one of the enabled lock condition happens, a MTR_LCK event is recognized and action is
taken according to the MTR_LCK_MODE.
In MCT8317A, all locks can be enabled or disabled individually and retry times can be configured through
LCK_RETRY . MTR_LCK_MODE bit can operate in four different modes: MTR_LCK latched shutdown,
MTR_LCK automatic retry, MTR_LCK report only and MTR_LCK disabled.
8.3.19.11.1 MTR_LCK Latched Shutdown (MTR_LCK_MODE = 00xxb)
When a MTR_LCK event happens in this mode, the status of MOSFETs will be configured by MTR_LCK_MODE
and nFAULT is driven low. Status of MOSFETs during MTR_LCK:
• MTR_LCK_MODE = 0000b: All MOSFETs are turned OFF.
• MTR_LCK_MODE = 0001b: MOSFET which was switching is turned OFF while the one which was
conducting stays ON till inductive energy is completely recirculated.
• MTR_LCK_MODE = 0010b: All high-side MOSFETs are turned ON.
• MTR_LCK_MODE = 0011b: All low-side MOSFETs are turned ON.
The CONTROLLER_FAULT, MTR_LCK and respective motor lock condition bits are set to 1b in the fault status
registers. Normal operation resumes (gate driver operation and the nFAULT pin is released) when the MTR_LCK
condition clears and a clear fault command is issued through the CLR_FLT bit.
8.3.19.11.2 MTR_LCK Automatic Recovery (MTR_LCK_MODE= 01xxb)
When a MTR_LCK event happens in this mode, the status of MOSFETs will be configured by MTR_LCK_MODE
and nFAULT is driven low. Status of MOSFETs during MTR_LCK:
• MTR_LCK_MODE = 0100b: All MOSFETs are turned OFF.
• MTR_LCK_MODE = 0101b: MOSFET which was switching is turned OFF while the one which was
conducting stays ON till inductive energy is completely recirculated.
• MTR_LCK_MODE = 0110b: All high-side MOSFETs are turned ON.
• MTR_LCK_MODE = 0111b: All low-side MOSFETs are turned ON.
The CONTROLLER_FAULT, MTR_LCK and respective motor lock condition bits are set to 1b in the fault status
registers. Normal operation resumes automatically (gate driver operation and the nFAULT pin is released) after
the tLCK_RETRY (configured by LCK_RETRY) time lapses. The CONTROLLER_FAULT, MTR_LCK and respective
motor lock condition bits are reset to 0b after the tLCK_RETRY period expires.
8.3.19.11.3 MTR_LCK Report Only (MTR_LCK_MODE = 1000b)
No protective action is taken when a MTR_LCK event happens in this mode. The motor lock event is reported
by setting the CONTROLLER_FAULT, MTR_LCK and respective motor lock condition bits to 1b in the fault
status registers. The gate drivers continue to operate. The external controller manages this condition by acting
appropriately. The reporting clears when the MTR_LCK condition clears and a clear fault command is issued
through the CLR_FLT bit.
8.3.19.11.4 MTR_LCK Disabled (MTR_LCK_MODE = 1xx1b)
No action is taken when a MTR_LCK event happens in this mode.
MCT8317A
SLLSFQ2 – JANUARY 2023
www.ti.com
62
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com