전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCT8317A 데이터시트(PDF) 95 Page - Texas Instruments

부품명 MCT8317A
상세설명  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A 데이터시트(HTML) 95 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 91Page - Texas Instruments MCT8317A Datasheet HTML 92Page - Texas Instruments MCT8317A Datasheet HTML 93Page - Texas Instruments MCT8317A Datasheet HTML 94Page - Texas Instruments MCT8317A Datasheet HTML 95Page - Texas Instruments MCT8317A Datasheet HTML 96Page - Texas Instruments MCT8317A Datasheet HTML 97Page - Texas Instruments MCT8317A Datasheet HTML 98Page - Texas Instruments MCT8317A Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 161 page
background image
8.7.1.7 CLOSED_LOOP4 Register (Offset = 8Ch) [Reset = 00000000h]
CLOSED_LOOP4 is shown in Figure 8-55 and described in Table 8-17.
Return to the Table 8-9.
Register to configure close loop settings4
Figure 8-55. CLOSED_LOOP4 Register
31
30
29
28
27
26
25
24
PARITY
DYN_VOLT_SC
ALING_EN
HIGH_RES_SA
MP
AVS_LIMIT_HY
ST
AVS_NEG_CURR_LIMIT
RESERVED
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
23
22
21
20
19
18
17
16
HYST_CURR_LIM_BAND
FAST_DEC_DEG_TIME
WCOMP_BLAN
K_EN
FAST_DEC_DUTY_WIN
R/W-0h
R/W-0h
R/W-0h
R/W-0h
15
14
13
12
11
10
9
8
FAST_DEC_DUTY_THR
DYN_BRK_CURR_LOW_LIM
DYNAMIC_BRK
_CURR
R/W-0h
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
FAST_DECEL_
EN
FAST_DECEL_CURR_LIM
FAST_BRK_DELTA
R/W-0h
R/W-0h
R/W-0h
Table 8-17. CLOSED_LOOP4 Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30
DYN_VOLT_SCALING_E
N
R/W
0h
Dynamic Voltage Scaling Enable
0h = Disable
1h = Enable
29
HIGH_RES_SAMP
R/W
0h
Sampling rate
0h = sampRate / 4
1h = sampRate / 8
28
AVS_LIMIT_HYST
R/W
0h
AVS current hysteresis (AVS positive current limit (A) =
((AVS_LIMIT_HYST + AVS_NEG_CURR_LIMIT) * 3 /4095) /
CSA_GAIN)
0h = 20
1h = 10
30-27
RESERVED
R/W
0h
Reserved
27-25
AVS_NEG_CURR_LIMIT
R/W
0h
AVS negative current limit (AVS negative current limit (A) =
(AVS_NEG_CURRENT_LIMIT * 3 /4095) / CSA_GAIN)
0h = 0
1h = -60
2h = -40
3h = -30
4h = -20
5h = -10
6h = 15
7h = 30
24
RESERVED
R/W
0h
Reserved
23-22
HYST_CURR_LIM_BAND R/W
0h
Hysteresis Band during Fast Decel( if AVS Disabled)
0h = 0
1h = 100mV
2h = 200mV
3h = 400mV
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com