전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCT8317A 데이터시트(PDF) 99 Page - Texas Instruments

부품명 MCT8317A
상세설명  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A 데이터시트(HTML) 99 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 95Page - Texas Instruments MCT8317A Datasheet HTML 96Page - Texas Instruments MCT8317A Datasheet HTML 97Page - Texas Instruments MCT8317A Datasheet HTML 98Page - Texas Instruments MCT8317A Datasheet HTML 99Page - Texas Instruments MCT8317A Datasheet HTML 100Page - Texas Instruments MCT8317A Datasheet HTML 101Page - Texas Instruments MCT8317A Datasheet HTML 102Page - Texas Instruments MCT8317A Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 161 page
background image
8.7.1.9 CONST_PWR Register (Offset = 90h) [Reset = 00000000h]
CONST_PWR is shown in Figure 8-57 and described in Table 8-19.
Return to the Table 8-9.
Register to configure Constant power mode settings
Figure 8-57. CONST_PWR Register
31
30
29
28
27
26
25
24
PARITY
MAX_SPEED
R/W-0h
R/W-0h
23
22
21
20
19
18
17
16
MAX_SPEED
R/W-0h
15
14
13
12
11
10
9
8
MAX_SPEED
MAX_POWER
R/W-0h
R/W-0h
7
6
5
4
3
2
1
0
MAX_POWER
CONST_POWER_LIMIT_HYST
CONST_POWER_MODE
R/W-0h
R/W-0h
R/W-0h
Table 8-19. CONST_PWR Register Field Descriptions
Bit
Field
Type
Reset
Description
31
PARITY
R/W
0h
Parity bit
30-15
MAX_SPEED
R/W
0h
Maximum Speed (Maximum Speed (Hz) = MAX_SPEED / 16)
14-4
MAX_POWER
R/W
0h
Maximum power (Maximum power (W) = MAX_POWER / 4)
3-2
CONST_POWER_LIMIT_
HYST
R/W
0h
Hysteresis for input power regulation
0h = 5 %
1h = 7.5 %
2h = 10 %
3h = 12.5 %
1-0
CONST_POWER_MODE R/W
0h
Input power regulation mode
0h = Voltage Control mode
1h = Closed Loop Power Control
2h = Power Limit Control
3h = Reserved
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com