전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCT8317A 데이터시트(PDF) 59 Page - Texas Instruments

부품명 MCT8317A
상세설명  MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MCT8317A 데이터시트(HTML) 59 Page - Texas Instruments

Back Button MCT8317A Datasheet HTML 55Page - Texas Instruments MCT8317A Datasheet HTML 56Page - Texas Instruments MCT8317A Datasheet HTML 57Page - Texas Instruments MCT8317A Datasheet HTML 58Page - Texas Instruments MCT8317A Datasheet HTML 59Page - Texas Instruments MCT8317A Datasheet HTML 60Page - Texas Instruments MCT8317A Datasheet HTML 61Page - Texas Instruments MCT8317A Datasheet HTML 62Page - Texas Instruments MCT8317A Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 161 page
background image
IOCP
tOCP
nFAULT
Time
IOUTx
nFAULT Pulled High
Fault Condition
nFAULT Released
Peak Current due
to deglitch time
Clear Fault
Figure 8-44. Overcurrent Protection - Latched Shutdown Mode
8.3.19.6.2 OCP Automatic Retry (OCP_MODE = 000b)
When an OCP event happens in this mode, all the FETs are disabled and the nFAULT pin is driven low. The
DRIVER_FAULT and OCP bits are set to 1b in the GATE_DRIVER_FAULT_STATUS register. Normal operation
resumes automatically (gate driver operation and the nFAULT pin is released) after the TRETRY time lapses.The
DRIVER_FAULT, OCP and corresponding FET's OCP bits are set to 1b until cleared through the CLR_FLT bit.
IOCP
tOCP
nFAULT
Time
IOUTx
nFAULT Pulled High
Fault Condition
nFAULT Released
Peak Current due
to deglitch time
tRETRY
Figure 8-45. Overcurrent Protection - Automatic Retry Mode
8.3.19.6.3 OCP Report Only (OCP_MODE = 011b)
No protective action is taken when an OCP event happens in this mode. The overcurrent event is reported by
setting the DRIVER_FAULT and OCP bits to 1b in the GATE_DRIVER_FAULT_STATUS register. The device
continues to operate as usual. The external controller manages the overcurrent condition by acting appropriately.
The reporting clears when the OCP condition clears and a clear fault command is issued by writing 1b to the
CLR_FLT bit.
www.ti.com
MCT8317A
SLLSFQ2 – JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: MCT8317A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com