| 전자부품 데이터시트 검색엔진 |
|
STM32H7B0AB 데이터시트(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H7B0AB 데이터시트(HTML) 48 Page - STMicroelectronics |
|
48 / 205 page ![]() Pin/ball name(1) (2) Pin name (function after reset) Pin type I/O structure Alternate functions Additional functions H11 F15 - - 90 109 PG5 I/O FT_h2 TIM1_ETR, FMC_A15/FMC_BA1, EVENTOUT - G9 F14 - - 91 110 PG6 I/O FT_h2 TIM17_BKIN, OCTOSPIM_P1_NCS, FMC_NE3, DCMI_D12/PSSI_D12, LCD_R7, EVENTOUT - G10 G13 - - 92 111 PG7 I/O FT_h2 SAI1_MCLK_A, USART6_CK, OCTOSPIM_P2_DQS, FMC_INT, DCMI_D13/PSSI_D13, LCD_CLK, EVENTOUT - G11 G12 - - 93 112 PG8 I/O FT_h2 TIM8_ETR, SPI6_SS/I2S6_WS, USART6_RTS, SPDIFRX1_IN2, FMC_SDCLK, LCD_G7, EVENTOUT - - J6 - - 94 113 VSS S - - - G12 E15 - - - - VDD50USB S - - - G13 F13 - - 95 114 VDD33USB S - - - F9 E14 37 63 96 115 PC6 I/O FT_h0 TIM3_CH1, TIM8_CH1, DFSDM1_CKIN3, I2S2_MCK, USART6_TX, SDMMC1_D0DIR, FMC_NWAIT, SDMMC2_D6, SDMMC1_D6, DCMI_D0/PSSI_D0, LCD_HSYNC, EVENTOUT SWPMI_IO F10 D15 38 64 97 116 PC7 I/O FT_h0 TRGIO, TIM3_CH2, TIM8_CH2, DFSDM1_DATIN3, I2S3_MCK, USART6_RX, SDMMC1_D123DIR, FMC_NE1, SDMMC2_D7, SWPMI_TX, SDMMC1_D7, DCMI_D1/PSSI_D1, LCD_G6, EVENTOUT - F12 D14 - 65 98 117 PC8 I/O FT_h0 TRACED1, TIM3_CH3, TIM8_CH3, USART6_CK, UART5_RTS, FMC_NE2/ FMC_NCE, FMC_INT, SWPMI_RX, SDMMC1_D0, DCMI_D2/PSSI_D2, EVENTOUT - F11 E13 39 66 99 118 PC9 I/O FT_fh0 MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, UART5_CTS, OCTOSPIM_P1_IO0, LCD_G3, SWPMI_SUSPEND, SDMMC1_D1, DCMI_D3/PSSI_D3, LCD_B2, EVENTOUT - - J7 - - - - VSS S - - - E12 B14 40 67 100 119 PA8 I/O FT_fh0 MCO1, TIM1_CH1, TIM8_BKIN2, I2C3_SCL, USART1_CK, OTG_HS_SOF, UART7_RX, TIM8_BKIN2_COMP12, LCD_B3, LCD_R6, EVENTOUT - E11 D13 41 68 101 120 PA9 I/O FT_u TIM1_CH2, LPUART1_TX, I2C3_SMBA, SPI2_SCK/I2S2_CK, USART1_TX, DCMI_D0/PSSI_D0, LCD_R5, EVENTOUT OTG_HS_VBUS E10 C14 42 69 102 121 PA10 I/O FT_u TIM1_CH3, LPUART1_RX, USART1_RX, OTG_HS_ID, MDIOS_MDIO, LCD_B4, DCMI_D1/ PSSI_D1, LCD_B1, EVENTOUT - F13 C15 43 70 103 122 PA11 I/O FT_u TIM1_CH4, LPUART1_CTS, SPI2_SS/ I2S2_WS, UART4_RX, USART1_CTS/ USART1_NSS, FDCAN1_RX, LCD_R4, EVENTOUT OTG_HS_DM STM32H7B0xB Pin descriptions DS13196 - Rev 7 page 48/205 |