전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H7B0AB 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 STM32H7B0AB
상세설명  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0AB 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button STM32H7B0AB Datasheet HTML 60Page - STMicroelectronics STM32H7B0AB Datasheet HTML 61Page - STMicroelectronics STM32H7B0AB Datasheet HTML 62Page - STMicroelectronics STM32H7B0AB Datasheet HTML 63Page - STMicroelectronics STM32H7B0AB Datasheet HTML 64Page - STMicroelectronics STM32H7B0AB Datasheet HTML 65Page - STMicroelectronics STM32H7B0AB Datasheet HTML 66Page - STMicroelectronics STM32H7B0AB Datasheet HTML 67Page - STMicroelectronics STM32H7B0AB Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 205 page
background image
1.
100 nF filtering capacitor on each package pin.
2.
A tolerance of +/- 20% is acceptable on decoupling capacitors.
Note:
Refer to Getting started with STM32H7A3/7B3 and STM32H7B0 hardware development(AN5307) for more
details.
Caution:
Each power supply pair (VDD/VSS, VDDA/VSSA ...) must be decoupled with filtering ceramic capacitors as shown
above. These capacitors must be placed as close as possible to, or below, the appropriate pins on the underside
of the PCB to ensure good operation of the device. It is not recommended to remove filtering capacitors to
reduce PCB size or cost. This might cause incorrect operation of the device.
6.1.7
Current consumption measurement
Figure 13. Current consumption measurement scheme
IDD_VBAT
LDO ON
VBAT
IDD
VDD
VDDA
VDDLDO
VDDMMC
IDD_VBAT
SMPS ON
VBAT
IDD
VDD
VDDA
VDDSMPS
VDDMMC
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 17. Voltage characteristics, Table 18. Current
characteristics, and Table 19. Thermal characteristics may cause permanent damage to the device. These are
stress ratings only and the functional operation of the device at these conditions is not implied. Exposure to
maximum rating conditions for extended periods may affect device reliability. Device mission profile (application
conditions) is compliant with JEDEC JESD47 Qualification Standard, extended mission profiles are available on
demand.
Table 17. Voltage characteristics
All main power (VDD, VDDA, VDD33USB, VDDMMC, VDDSMPS, VBAT) and ground (VSS, VSSA) pins must always be connected to the
external power supply, in the permitted range.
Symbols
Ratings
Min
Max
Unit
VDDX − VSS
External main supply voltage (including VDD, VDDLDO, VDDSMPS,
VDDA, VDD33USB, VDDMMC, VBAT, VREF+)
−0.3
4.0
V
VIN(1)
Input voltage on FT_xxx pins
VSS−0.3
Min(VDD, VDDA,
VDD33USB, VDDMMC,
VBAT) +4.0(2)(3)
V
Input voltage on TT_xx pins
VSS−0.3
4.0
V
Input voltage on BOOT0 pin
VSS
9.0
V
Input voltage on any other pins
VSS−0.3
4.0
V
|ΔVDDX|
Variations between different VDDX power pins of the same domain
-
50
mV
STM32H7B0xB
Absolute maximum ratings
DS13196 - Rev 7
page 64/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com