전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUW81300 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 STUW81300
상세설명  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button STUW81300 Datasheet HTML 29Page - STMicroelectronics STUW81300 Datasheet HTML 30Page - STMicroelectronics STUW81300 Datasheet HTML 31Page - STMicroelectronics STUW81300 Datasheet HTML 32Page - STMicroelectronics STUW81300 Datasheet HTML 33Page - STMicroelectronics STUW81300 Datasheet HTML 34Page - STMicroelectronics STUW81300 Datasheet HTML 35Page - STMicroelectronics STUW81300 Datasheet HTML 36Page - STMicroelectronics STUW81300 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
DS11314 Rev 7
33/63
STuW81300
Circuit description
58
7.14
STuW81300 register programming
The STuW81300 has 12 registers (10 R/W + 2 Read-Only) programmed through an SPI
digital interface. The protocol uses 3 wires (SDI, SCK, LE) for write mode plus an additional
pin (LD_SDO) for read operation. Each register has 32 bits, one for Read/Write mode
selection, 4 address bits and 27 data bits.
Figure 24. SPI Protocol
1. Bit for double buffering used for some registers only
.
MSv43274V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63