| 전자부품 데이터시트 검색엔진 |
|
DA16200 데이터시트(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DA16200 데이터시트(HTML) 19 Page - Renesas Technology Corp |
|
19 / 154 page ![]() DA16200 Ultra Low Power Wi-Fi SoC Datasheet Revision 3.6 04-Jan-2023 CFR0011-120-00 19 of 153 © 2023 Renesas Electronics 4.3 Pin Multiplexing The DA16200 provides various IO interfaces to support many kinds of applications. To reduce the number of external pins required, the DA16200 uses pin multiplexing to assign these IO interfaces to specific pins as shown in Table 3. There are 16 GPIO pins each of which can be assigned an alternate function. There are four GPIO pins (GPIOA0 to GPIOA3) which support multiplexing with analog signals. Table 3: DA16200 Pin Multiplexing |