| 전자부품 데이터시트 검색엔진 |
|
HC05RC16GRS/D 데이터시트(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D 데이터시트(HTML) 19 Page - NXP Semiconductors |
|
19 / 122 page ![]() General Description Mask Options MC68HC05RC16 — Rev. 3.0 General Release Specification General Description 1.4 Mask Options There are 11 total mask options on the MC68HC05RC16 including: • Eight port B pullups • IRQ sensitivity • COP enable/disable • STOP enable/disable These are nonprogrammable options in that they are selected at the time of code submission (when masks are made). These options are as follows: PB7PU — Port B7 Pullup/Interrupt This bit enables or disables the pullup/interrupt on port B, bit 7. 1 = Enables the pullup/interrupt 0 = Disables the pullup/interrupt PB6PU — Port B6 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 6. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt PB5PU — Port B5 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 5. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt PB4PU — Port B4 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 4. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt PB3PU — Port B3 Pullup/Interrupt This option enables or disables the pullup/interrupt on port B, bit 3. 1 = Enables pullup/interrupt 0 = Disables pullup/interrupt Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |