| 전자부품 데이터시트 검색엔진 |
|
MPC105EC/D 데이터시트(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC105EC/D 데이터시트(HTML) 14 Page - NXP Semiconductors |
|
14 / 24 page ![]() 14 105 Hardware Specifications Preliminary/Subject to Change without Notice Table 9 provides the pinout listing for the MPC105. Table 9. Pinout Listing1 Signal Name Pin Number Active I/O 60x Processor Interface Signals A0–A31 R2, P2, N2, M2, L2, K2, J5, K4, K5, K6, J2, J6, J3, J4, H3, H4, H2, G2, F1, E1, E2, F4, E3, D1, C1, C2, B1, C3, B2, E4, D3, E5 High I/O AACK D2 Low I/O ARTRY F2 Low I/O BR0 L3 Low Input BG0 K3 Low Output BR1 (DIRTY_IN) T3 Low Input BG1 (DIRTY_OUT) R4 Low Output CI N3 Low I/O DBG0 L5 Low Output DBG1 (TOE) U4 Low Output DH0–DH31 T14, R13, R14, P13, P14, N13, U3, W1, V2, W2, V3, W3, V4, W4, V5, W5, V6, W6, V7, W7, V8, W8, N8, W9, V9, W10, V10, W11, V11, W12, V12, W13 High I/O DL0–DL31 U6, T7, U7, T8, U8, R8, P8, N9, P9, R9, U9, T9, U10, T10, U13, T13, R12, N14, M13, T2, U1, U2, V1, U15, V16, U14, W16, V15, W15, V14, W14, V13 High I/O GBL M3 Low I/O TA N1 Low I/O TBST L4 Low I/O TEA J1 Low Output TS R1 Low I/O TSIZ0–TSIZ2 G3, G4, F3 High I/O TT0–TT4 G1, H1, K1, L1, M1 High I/O WT M4 Low I/O XATS P1 Low Input Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com AR CH IVE D B Y F RE ES CA LE SE MI CO ND UC TO R, INC . |