전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR4955F 데이터시트(PDF) 51 Page - Toshiba Semiconductor

부품명 TMPR4955F
상세설명  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F 데이터시트(HTML) 51 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 47Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 48Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 49Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 50Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 51Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 52Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 53Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 54Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 168 page
background image
Chapter 3 Initialization Interface
3-1
Chapter 3.
Initialization Interface
This chapter describes the TX4955A Initialization interface, and the processor modes. This
includes the reset signal description and types, and initialization sequence, with signals and
timing dependencies, and the user-selectable TX4955A processor modes.
Signal names are listed in bold letters—for instance the signal MasterClock
MasterClock
MasterClock
MasterClock indicates the
processor clock. Low-active signals are indicated by a trailing asterisk, such as ColdReset
ColdReset
ColdReset
ColdReset*, the
power-on/cold reset signal.
3.1
Functional Overview
The TX4955A processor has the following two types of resets; they use the ColdReset
ColdReset
ColdReset
ColdReset*
and Reset
Reset
Reset
Reset* input signals.
•
Cold Reset
Cold Reset
Cold Reset
Cold Reset is asserted after the power supply is stable and then restarts all clocks. A
cold reset completely reinitializes the internal state machine of the processor without
saving any state information.
•
Warm Reset
Warm Reset
Warm Reset
Warm Reset restarts processor, but does not affect clocks. A warm reset preserves the
processor internal state.
After reset, the processor is bus master and drives the
SysAD bus.
For reset vector address, use Oxbfc0 0000.
In the TX49/H2 processor core, the reset vector is located in address space without caching.
Therefore, the cache and TLB need not be initialized at reset processing.
3.1.1
System Coordination
Care must be taken to coordinate system reset with other system elements. In general,
bus errors immediately before, during, or after a reset may result in unpredicted behavior.
Also, a small amount of processor state is guaranteed as stable after a reset of the TX4955A
processor, so extreme care must be taken to correctly initialize the processor through
software.
The operation of each type of reset is described in sections that follow. Refer to Figure
3.2.1 and Figure 3.2.2 later in this chapter for timing diagrams of the cold and warm resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com