전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR4955F 데이터시트(PDF) 83 Page - Toshiba Semiconductor

부품명 TMPR4955F
상세설명  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F 데이터시트(HTML) 83 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 79Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 80Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 81Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 82Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 83Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 84Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 85Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 86Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 87Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 168 page
background image
Chapter 6 TX4955A System Interface
6-11
•
If the coherency properties are non-coherent write back or non-coherent write
through (write allocate), then a non-coherent block read request is issued.
•
If the coherency properties are non-coherent write through (non-write
allocate), then a non-block write request is issued. Table 6.2.2 indicates the
measures taken when there is a store miss to the primary cache.
Table 6.2.2 Store Miss to Primary Cache
State of the replaced data cache line
Page Properties
Dirty (W = 0)/Invalid
Dirty (W = 1)
Non-coherent write back or non-coherent write through
(write allocate)
NCR
NCR/W
Non-coherent write through (non-write allocate)
NCW
NA
NCR: Processor non-coherent, block read request
NCR/W: Processor non-coherent, block write requests continue after the block read request
NCW: Processor non-coherent write request
6.2.7.3
Store hits
Operation in the system interface is determined by whether a line is write back or
write through. When in the primary cache mode, all lines set to write back are set to
the dirty exclusion state (W = 1). In other words, burst transactions do not occur even
if a store hit occurs. Lines set to write through generate processor write requests for
store data.
6.2.7.4
Uncached load or store
When performing uncached load operations, the processor issues non-coherent read
requests for double words, partial double words, words, or partial words. Also, when
performing uncached store operations, the processor issues write requests for double
words, partial double words, words, or partial words.
The TX4955A judges that there is valid parity and data in the entire 32-bit SysAD
bus even for data requests of less than words. Even if there was a partial word request
for example, all parity must be correctly returned for all 32 bits. If not, then parity
check must be disabled.
All write transactions by the TX4955A are buffered in the 4-stage write buffer of the
system interface. If there are entries in the write buffer when a block request is
required, the write buffer is flushed before a read request is generated (for cache
misses or read transactions to uncached areas). Data cache misses or uncached data
load transactions flush the write buffer.
6.2.7.5
Cache instruction operation
Various operations are made available to the Cache instruction in order to maintain
the primary cache status and contents. When Cache instruction operations are in
progress, write requests or invalidate requests can be issued from the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com