전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR4955F 데이터시트(PDF) 61 Page - Toshiba Semiconductor

부품명 TMPR4955F
상세설명  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F 데이터시트(HTML) 61 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 57Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 58Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 59Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 60Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 61Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 62Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 63Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 64Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 168 page
background image
Chapter 5 Cache Organization
5-1
Chapter 5
Cache Organization
This chapter describes in detail the cache memory: its place in the TX4955A memory
organization, and individual organization of the caches.
This chapter uses the following terminology:
•
The data cache may also be referred to as the D-cache.
•
The instruction cache may also be referred to as the I-cache.
These terms are used interchangeably throughout this book.
5.1
Memory Organization
Figure 5.1.1 shows the TX4955A system memory hierarchy. In the logical memory hierarchy,
both primary and secondary caches lie between the CPU and main memory. They are designed
to make the speedup of memory accesses transparent to the user.
Each functional block in Figure 5.1.1 has the capacity to hold more data than the block above
it. For instance, physical main memory has a larger capacity than the caches. At the same time,
each functional block takes longer to access than any block above it. For instance, it takes
longer to access data in main memory than in the CPU on-chip registers.
TX49 CPU
CPU Core
Core
I-cache
D-cache
Caches
Cache
Increasing Data
Capacity
Faster Access
Time
Memory
Peripherals
Main Memory
Disk, CD-ROM,
Tape, etc.
Figure 5.1.1 Logical Hierarchy of Memory
The TX4955A processor has two on-chip caches: one holds instructions (the instruction cache),
the other holds data (the data cache). The instruction and data caches can be read in one PClock
PClock
PClock
PClock
cycle.
Data writes are pipelined and can complete at a rate of one per PClock
PClock
PClock
PClock cycle. In the first stage
of the cycle, the store address is translated and the tag is checked; in the second stage, the data
is written into the data RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com