전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR4955F 데이터시트(PDF) 81 Page - Toshiba Semiconductor

부품명 TMPR4955F
상세설명  64-Bit TX System RISC TX49 Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4955F 데이터시트(HTML) 81 Page - Toshiba Semiconductor

Back Button TMPR4955F Datasheet HTML 77Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 78Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 79Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 80Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 81Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 82Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 83Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 84Page - Toshiba Semiconductor TMPR4955F Datasheet HTML 85Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 168 page
background image
Chapter 6 TX4955A System Interface
6-9
After the external request is issued, the system interface access privileges always
return to the processor. The processor will not accept another external request until
the current one is complete.
If there is no processor request that is on hold, the processor decides based on the
interior state whether to accept an external request or to issue a new processor
request. The processor can issue a new processor request even if the external agent
requested access to the system interface.
The external agent sends notification that it would like to start an external request
by asserting the ExtRqst* signal. After that, the external agent waits for the processor
to assert the Release* signal and send notification that preparations have been made
to accept this request. The processor sends notification based on the next judgement
criterion to be listed that preparations have been made to accept an external request.
•
The processor ends processor requests that are in progress.
•
The processor can accept an external request while waiting for the RdRdy*
signal to be asserted so a processor read request can be issued. However, this
request must be transferred to the processor at least 1 cycle before the
RdRdy* signal is asserted.
•
The processor can accept an external request while waiting for the WrRdy*
signal to be asserted so a processor write request can be issued. However, this
request must be transferred to the processor at least 1 cycle before the
WrRdy* signal is asserted.
•
If waiting for a response to a read request after the processor shifted itself to
the slave state, the external agent can issue an external request before
sending read response data.
6.2.6.6
External read requests
In contrast to processor read requests, data are directly returned as a response to
the request for external read requests. No other requests can be issued until the
processor returns the requested data. External read requests are complete when the
processor returns the requested data word.
Depending on the data identifier
combined with the response data, an error in the response data may be pointed out.
The processor would process the error as a bus error.
Note: The TX4955A does not have any resources that can read external read requests.
The processor returns to the external read request undefined data and data
identifiers in which SysCmd(5) of the errant data bit is set.
6.2.6.7
External write requests
When the external agent issues a write request, the specified resources are accessed,
then the data are written to those resources. External requests are complete when the
data word is transferred to the processor.
The only processor resource that an external write request can use are the Interrupt
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com